Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512B-5T176I Datasheet(PDF) 64 Page - Lattice Semiconductor

Part # LC4512B-5T176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512B-5T176I Datasheet(HTML) 64 Page - Lattice Semiconductor

Back Button LC4512B-5T176I Datasheet HTML 60Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 61Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 62Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 63Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 64Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 65Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 66Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 67Page - Lattice Semiconductor LC4512B-5T176I Datasheet HTML 68Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
64
101
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
102
1
L14
L^7
AX14
AX^7
GX14
GX^7
103
1
L12
L^6
AX12
AX^6
GX12
GX^6
104
1
L10
L^5
AX10
AX^5
GX10
GX^5
105
1
L8
L^4
AX8
AX^4
GX8
GX^4
106
1
L6
L^3
AX6
AX^3
GX6
GX^3
107
1
L4
L^2
AX4
AX^2
GX4
GX^2
108
1
L2
L^1
AX2
AX^1
GX2
GX^1
109
1
L0
L^0
AX0
AX^0
GX0
GX^0
110
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
111
1
M0
M^0
DX0
DX^0
JX0
JX^0
112
1
M2
M^1
DX2
DX^1
JX2
JX^1
113
1
M4
M^2
DX4
DX^2
JX4
JX^2
114
1
M6
M^3
DX6
DX^3
JX6
JX^3
115
1
M8
M^4
DX8
DX^4
JX8
JX^4
116
1
M10
M^5
DX10
DX^5
JX10
JX^5
117
1
M12
M^6
DX12
DX^6
JX12
JX^6
118
1
M14
M^7
DX14
DX^7
JX14
JX^7
119
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
120
1
N0
N^0
FX0
FX^0
NX0
NX^0
121
1
N2
N^1
FX2
FX^1
NX2
NX^1
122
1
N4
N^2
FX4
FX^2
NX4
NX^2
123
1
N6
N^3
FX6
FX^3
NX6
NX^3
124
1
N8
N^4
FX8
FX^4
NX8
NX^4
125
1
N10
N^5
FX10
FX^5
NX10
NX^5
126
1
N12
N^6
FX12
FX^6
NX12
NX^6
127
1
N14
N^7
FX14
FX^7
NX14
NX^7
128
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
129
-
TDO
-
TDO
-
TDO
-
130
-
VCC
-
VCC
-
VCC
-
131
-
NC
-
NC
-
NC
-
132
-
NC
-
NC
-
NC
-
133
-
NC
-
NC
-
NC
-
134
-
GND
-
GND
-
GND
-
135
1
O14
O^7
GX14
GX^7
OX14
OX^7
136
1
O12
O^6
GX12
GX^6
OX12
OX^6
137
1
O10
O^5
GX10
GX^5
OX10
OX^5
138
1
O8
O^4
GX8
GX^4
OX8
OX^4
139
1
O6
O^3
GX6
GX^3
OX6
OX^3
140
1
O4
O^2
GX4
GX^2
OX4
OX^2
141
1
O2
O^1
GX2
GX^1
OX2
OX^1
ispMACH 4256V/B/C/Z, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4256V/B/C/Z
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512B-5T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512B-5T176I LATTICE-LC4512B-5T176I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512B-5T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com