Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC03ADT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC03ADT
Description  QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC03ADT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC03ADT Datasheet HTML 1Page - ON Semiconductor MC74HC03ADT Datasheet HTML 2Page - ON Semiconductor MC74HC03ADT Datasheet HTML 3Page - ON Semiconductor MC74HC03ADT Datasheet HTML 4Page - ON Semiconductor MC74HC03ADT Datasheet HTML 5Page - ON Semiconductor MC74HC03ADT Datasheet HTML 6Page - ON Semiconductor MC74HC03ADT Datasheet HTML 7Page - ON Semiconductor MC74HC03ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 8
1
Publication Order Number:
MC74HC03A/D
MC74HC03A
Quad 2-Input NAND Gate
with Open-Drain Outputs
High–Performance Silicon–Gate CMOS
The MC74HC03A is identical in pinout to the LS03. The device
inputs are compatible with Standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
The HC03A NAND gate has, as its outputs, a high–performance
MOS N–Channel transistor. This NAND gate can, therefore, with a
suitable pullup resistor, be used in wired–AND applications. Having
the output characteristic curves given in this data sheet, this device can
be used as an LED driver or in any other application that only requires
a sinking current.
Output Drive Capability: 10 LSTTL Loads With Suitable Pullup
Resistor
Outputs Directly Interface to CMOS, NMOS and TTL
High Noise Immunity Characteristic of CMOS Devices
Operating Voltage Range: 2 to 6V
Low Input Current: 1µA
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 28 FETs or 7 Equivalent Gates
DESIGN GUIDE
Criteria
Value
Unit
Internal Gate Count*
7.0
ea
Internal Gate Propagation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
µW
Speed Power Product
0.0075
pJ
* Equivalent to a two–input NAND gate
PIN 14 = VCC
PIN 7 = GND
* Denotes open–drain outputs
LOGIC DIAGRAM
3,6,8,11
Y*
1,4,9,12
A
2,5,10,13
B
OUTPUT
PROTECTION
DIODE
VCC
Pinout: 14–Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
34567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
Device
Package
Shipping
ORDERING INFORMATION
MC74HC03AN
PDIP–14
2000 / Box
MC74HC03AD
SOIC–14
http://onsemi.com
55 / Rail
MC74HC03ADR2
SOIC–14
2500 / Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
MC74HC03ADT
TSSOP–14
96 / Rail
MC74HC03ADTR2
TSSOP–14
2500 / Reel
TSSOP–14
DT SUFFIX
CASE 948G
HC
03A
ALYW
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
MC74HC03AN
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
1
14
HC03A
AWLYWW
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
Z
Z
Z
L
Y
Z = High Impedance


Similar Part No. - MC74HC03ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03ADT ONSEMI-MC74HC03ADT Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
MC74HC03ADTR2 ONSEMI-MC74HC03ADTR2 Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
MC74HC03ADTR2 ONSEMI-MC74HC03ADTR2 Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC03ADTR2G ONSEMI-MC74HC03ADTR2G Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC03ADTR2G ONSEMI-MC74HC03ADTR2G Datasheet
133Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
More results

Similar Description - MC74HC03ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
MC74HC03A ONSEMI-MC74HC03A_13 Datasheet
133Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
   Quad 2-Input NAND Gate with Open-Drain Outputs
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com