Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-3FT256AC Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # LC4256V-3FT256AC
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-3FT256AC Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button LC4256V-3FT256AC Datasheet HTML 53Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 54Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 55Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 56Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 57Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 58Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 59Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 60Page - Lattice Semiconductor LC4256V-3FT256AC Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
57
D13
1
D10
D^10
G4
G^3
N6
N^3
D14
1
D9
D^9
G2
G^2
N8
N^4
D12
1
D8
D^8
G1
G^1
N10
N^5
C14
1
I
-
G0
G^0
N12
N^6
C13
1
NC
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
B14
-
TDO
-
TDO
-
TDO
-
A14
-
VCC
-
VCC
-
VCC
-
A13
-
GND
-
GND
-
GND
-
B13
1
NC
-
H14
H^11
O12
O^6
A12
1
I
-
H13
H^10
O10
O^5
C12
1
D7
D^7
H12
H^9
O8
O^4
B12
1
D6
D^6
H10
H^8
O6
O^3
A11
1
D5
D^5
H9
H^7
O4
O^2
C11
1
D4
D^4
H8
H^6
O2
O^1
B11
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
A10
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
B10
1
NC
-
H6
H^5
P12
P^6
C10
1
NC
-
H5
H^4
P10
P^5
B9
1
D3
D^3
H4
H^3
P8
P^4
A9
1
D2
D^2
H2
H^2
P6
P^3
C9
1
D1
D^1
H1
H^1
P4
P^2
A8
1
D0/GOE1
D^0
H0/GOE1
H^0
P2/GOE1
P^1
B8
1
CLK3/I
-
CLK3/I
-
CLK3/I
-
C8
0
CLK0/I
-
CLK0/I
-
CLK0/I
-
B7
-
VCC
-
VCC
-
VCC
-
A7
0
NC
1
-NC
1
-I
1
-
C7
0
A0/GOE0
A^0
A0/GOE0
A^0
A2/GOE0
A^1
A6
0
A1
A^1
A1
A^1
A4
A^2
B6
0
A2
A^2
A2
A^2
A6
A^3
C6
0
A3
A^3
A4
A^3
A8
A^4
B5
0
NC
-
A5
A^4
A10
A^5
A5
0
NC
-
A6
A^5
A12
A^6
C5
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
B4
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
A4
0
NC
-
A8
A^6
B2
B^1
C4
0
A4
A^4
A9
A^7
B4
B^2
A3
0
A5
A^5
A10
A^8
B6
B^3
B3
0
A6
A^6
A12
A^9
B8
B^4
A2
0
A7
A^7
A13
A^10
B10
B^5
A1
0
NC
-
A14
A^11
B12
B^6
1. For device migration considerations, these NC pins are input signal pins in ispMACH 4256Z device.
ispMACH 4064Z, 4128Z and 4256Z Logic Signal Connections:
132-Ball csBGA (Cont.)
Ball Number Bank Number
ispMACH 4064Z
ispMACH 4128Z
ispMACH 4256Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4256V-3FT256AC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-3F256AC LATTICE-LC4256V-3F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-3F256BC LATTICE-LC4256V-3F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-3FT256AC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com