Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8145 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8145
Description  TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8145 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8145 Datasheet HTML 1Page - STMicroelectronics TDA8145 Datasheet HTML 2Page - STMicroelectronics TDA8145 Datasheet HTML 3Page - STMicroelectronics TDA8145 Datasheet HTML 4Page - STMicroelectronics TDA8145 Datasheet HTML 5Page - STMicroelectronics TDA8145 Datasheet HTML 6Page - STMicroelectronics TDA8145 Datasheet HTML 7Page - STMicroelectronics TDA8145 Datasheet HTML 8Page - STMicroelectronics TDA8145 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2004
TDA8145
TV EAST/WEST CORRECTION CIRCUIT
FOR SQUARE TUBES
REV. 2
FEATURES SUMMARY
LOW DISSIPATION
SQUARE GENERATOR FOR PARABOLIC
CURRENT SPECIALLY DESIGNED FOR
SQUARE C.R.T. CORRECTION
EXTERNAL KEYSTONE ADJUSTMENT
(symmetry of the parabola)
INPUT FOR DYNAMIC FIELD CORRECTION
(beam current change)
STATIC PICTURE WIDTH ADJUSTMENT
PULSE-WIDTH MODULATOR
FINAL STAGE D-CLASS WITH ENERGY
REDELIVERY
PARASITIC PARABOLA SUPPRESSION,
DURING FLYBACK TIME OF THE VERTICAL
SAWTOOTH
DESCRIPTION
The TDA8145 is a monolithic integrated circuit in a
8 pin minidip plastic package designed for use in
the square C.R.T. east-west pin-cushion correc-
tion by driving a diode modulator in TV and moni-
tor applications.
Figure 1. Package
Figure 2. Pin Connections (top view)
POWERDIP8
(Plastic Package)
1
2
3
4
8
7
6
5
KEYSTONE CORRECTION INPUT
FRAME SAWTOOTH CURRENT INPUT
CURRENT REFERENCE
GND
NON-INVERTING INPUT 100µA CURRENT SINK
PARABOLA OUTPUT INVERTING INPUT
OUTPUT
+VS


Similar Part No. - TDA8145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
More results

Similar Description - TDA8145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
logo
TEMIC Semiconductors
TDA4951 TEMIC-TDA4951 Datasheet
63Kb / 5P
   TV East/ West Correction Circuit for Square Tubes
logo
STMicroelectronics
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
   EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
   EAST/WEST CORRECTION FOR DIGITAL TV-SETS
June 1989
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
91Kb / 8P
   COLOR TV EAST-WEST CORRECTION
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com