Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6206P352DH Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6206P352DH
Description  Low ESR Cap.Compatible Positive Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6206P352DH Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6206P352DH Datasheet HTML 1Page - Torex Semiconductor XC6206P352DH Datasheet HTML 2Page - Torex Semiconductor XC6206P352DH Datasheet HTML 3Page - Torex Semiconductor XC6206P352DH Datasheet HTML 4Page - Torex Semiconductor XC6206P352DH Datasheet HTML 5Page - Torex Semiconductor XC6206P352DH Datasheet HTML 6Page - Torex Semiconductor XC6206P352DH Datasheet HTML 7Page - Torex Semiconductor XC6206P352DH Datasheet HTML 8Page - Torex Semiconductor XC6206P352DH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
ETR0305_002
■APPLICATIONS
●Battery powered equipment
●Reference voltage sources
●Cameras, video cameras
●Portable AV systems
●Mobile phones
●Portable games
●Cordless phones,
wireless communication equipment
■TYPICAL APPLICATION CIRCUIT
■FEATURES
CMOS
Maximum Output Current
Dropout Voltage
Maximum Operating Voltage
Output Voltage Range
Highly Accurate
Low Power Consumption
Operating Temperature Range
Low ESR Capacitor
Current Limit Circuit Built-in
Ultra Small Package
■TYPICAL PERFORMANCE
CHARACTERISTICS
: 250mA (5.0V type)
: 250mV @ 100mA (3.0V type)
: 6.0V
: 1.2V ~ 5.0V (0.1V increments)
: Fixed voltage accuracy
±2%
(+30mV@VOUT<1.5V)
(+1% @VOUT>2.0V)
: 1.0
μA (TYP.)
: -40OC ~ 85 OC
: Ceramic capacitor compatible
: SOT-23 (250mW)
SOT-89 (500mW)
TO-92 (300mW)
USP-6B (100mW)
■GENERAL DESCRIPTION
The XC6206 series are highly precise, low power consumption, high voltage, positive voltage regulators manufactured using
CMOS and laser trimming technologies.
The series provides large currents with a significantly small dropout voltage.
The XC6206 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error correction circuit.
The series is compatible with low ESR ceramic capacitors.
The currrent limiter's foldback circuit also operates as a short
protect for the output current limiter and the output pin.
Output voltage can be set internally by laser trimming technologies.
It is selectable in 0.1V increments within a range of 1.2V
to 5.0V.
SOT-23, SOT-89, TO-92 and USP-6B packages are available.


Similar Part No. - XC6206P352DH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P301DR TOREX-XC6206P301DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301LB TOREX-XC6206P301LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301LH TOREX-XC6206P301LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301MR TOREX-XC6206P301MR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301PR TOREX-XC6206P301PR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

Similar Description - XC6206P352DH

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com