Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB6851 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB6851
Description  QXGA camera module with auto focus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB6851 Datasheet(HTML) 1 Page - STMicroelectronics

  VB6851 Datasheet HTML 1Page - STMicroelectronics VB6851 Datasheet HTML 2Page - STMicroelectronics VB6851 Datasheet HTML 3Page - STMicroelectronics VB6851 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2008
Rev 1
1/4
4
VB6851
QXGA camera module with auto focus
Features
3.15 megapixel resolution sensor
(2048 x 1536)
Integrated auto-focus mechanism
High level autofocus control interface
4 element lens
Compact size: 8.5 mm x 8.5 mm x 5.9 mm
Compatible with SMIA 1.0 profile 2 functional
specification
Video data interface - CCP2.0
Command interface - CCI
Analog power supply from 2.4 V to 2.9 V
Digital power supply from 1.7 V to 2.9 V
On-board 10 bit ADC
Integral EMC shielding and EMI reduction
techniques
Ultra low power standby mode
Analog binning (2x2, 2x4) for low power video
mode
Description
This databrief outlines a high performance
3.15 megapixel auto-focus camera module
(VB6851) for use across a range of mobile phone
handsets and accessories. It is designed to be
used for both high quality stills capture and video
modes. The module is SMIA 1.0 profile 2
compatible and is capable of generating raw
bayer 3 MP images up to 20 fps. The VB6851
supports the CCI control and CCP 2.0 data
interfaces.
As different phone platforms have different
baseband processors with varying capabilities, it
may not be possible for all phones to support the
associated image processing and auto-focus
algorithms. Where the baseband cannot support
this processing load, a separate hardware
accelerator (e.g. STV0986 ) or application engine
(e.g. STn8815) device can be incorporated in the
phone system to run the algorithms in hardware.
The specifications of these devices are contained
in a separate document.
The module design is optimized for both footprint
and height. The auto-focus mechanism combined
with a multi-element lens provides excellent
image quality at focus distances from less than
10 cm to infinity. All external components,
including the auto-focus actuator drivers, are
integrated inside the camera module, apart from
two CCI pull-up resistors.
VB6851 offers an ultra low power consumption
hardware standby mode consuming less than
30 µW (typ.).
PC00
www.st.com


Similar Part No. - VB6851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
   3.2 Megapixel QXGA camera module with auto focus
VB6850S02I/T2 STMICROELECTRONICS-VB6850S02I/T2 Datasheet
134Kb / 5P
   3.2 Megapixel QXGA camera module with auto focus
More results

Similar Description - VB6851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB6871 STMICROELECTRONICS-VB6871 Datasheet
102Kb / 4P
   QXGA camera module with auto-focus
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
   3.2 Megapixel QXGA camera module with auto focus
VX6854LC STMICROELECTRONICS-VX6854LC Datasheet
2Mb / 114P
   QXGA EDOF camera module
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
   QXGA EDOF camera module
logo
OmniVision Technologies...
OV05623-G00A OMNIVISION-OV05623-G00A Datasheet
151Kb / 2P
   high performance auto-focus module for camera phones
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
L4492 HAMAMATSU-L4492 Datasheet
105Kb / 2P
   Low forward voltage LED for camera auto-focus
logo
STMicroelectronics
VS6955CA STMICROELECTRONICS-VS6955CA Datasheet
1Mb / 90P
   5.0 megapixel fixed-focus camera module
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com