Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q256I Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # LC5512MC-75Q256I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q256I Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button LC5512MC-75Q256I Datasheet HTML 59Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 60Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 61Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 62Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 63Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 64Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 65Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 66Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
63
0
96N
M12
M23
O23
M13
196
B5
A10
0
96P
M10
M22
O22
M11
197
A3
A9
0
97N
M8
M21
O21
M9
198
B4
C9
0
97P
M6
M20
O20
M7
199
B3
D9
0
98N
M5
M19
O19
200
C5
F9
0
98P
M4
M18
O18
201
C6
E9
0
99N
M2
M1
O1
M3
202
D5
A8
——
VCCO0
——
VCCO0
VCCO0
0
99P
M0
M0
O0
M1
203
D6
B8
GND (Bank 0)
GND (Bank 0) GND (Bank 0)
0
100N
N30
O29
N31
A7
0
100P
N28
O28
N29
B7
0
101N
N26
O27
N27
A5
0
101P
N24
O26
N25
B5
0
102N
N22
O25
N23
B6
0
102P
N21
O24
C7
0
103N
N20
O23
E8
0
103P
N18
O22
N19
E7
0
104N
N16
O21
N17
E6
0
104P
N14
O20
N15
D6
0
105N
N12
O19
N13
D8
——
VCCO0
204
VCCO0
VCCO0
0
105P
N10
O18
N11
F8
GND (Bank 0)
205
GND (Bank 0) GND (Bank 0)
0
106N
N8
O17
N9
F7
0
106P
N6
O16
N7
D7
0
107N
N5
O15
206
A2
C6
0
107P
N4
O14
207
B2
C5
0
108N
N2
O13
N3
C4
0
108P
N0
O12
N1
D5
1. Not available for differential pair.
Global Clock LVDS pair options: GCLK0 and GCLK1, as well as GCLK2 and GCLK3, can be paired together to
receive differential clocks; where GCLK0 and GCLK3 are the positive LVDS inputs.
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


Similar Part No. - LC5512MC-75Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com