Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q256I Datasheet(PDF) 19 Page - Lattice Semiconductor

Part # LC5512MC-75Q256I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q256I Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button LC5512MC-75Q256I Datasheet HTML 15Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 16Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 17Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 18Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 19Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 20Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 21Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 22Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
19
Table 12. ispXPLD 5000MX Supported I/O Standards
Table 13. Differential Interface Standard Support
1
Control, Clock, sysCONFIG and JTAG Signals
Global clock pins support the same sysIO standards as general purpose I/O. When required the VREF signal is
derived from the adjacent bank. When differential standards are supported two adjacent clock pins are paired to
form the input. The TOE, PROGRAM, CFG0 and DONE pins of the ispXPLD 5000MX device are the only pins that
do not have sysIO capabilities. The JTAG TAP pins support only LVCMOS 3.3, 2.5 and 1.8V standards. The voltage
is controlled by VCCJ. These pins only support the LVTTL and LVCMOS standards applicable to the power supply
voltage of the device. The global reset global output enable pins are associated with Bank 2 and support all of the
sysIO standards.
Hotsocketing
The I/O on the ispXPLD 5000MX devices are well suited for those applications that require hot socketing capability,
when configured as LVCMOS or LVTTL. Hot socketing a device requires that the device, when powered down, can
tolerate active signals on the I/Os and inputs without being damaged. Additionally, it requires that the effects of the
powered-down device be minimal on active signals.
Programmable Drive Strength
The drive strength of I/Os that are programmed as LVCMOS is tightly controlled and can be programmed to a vari-
ety of different values. Thus the impedance an output driver can be closely match to the characteristic impedance
of the line it is driving. This allows users to eliminate the need for external series termination resistors.
sysIO Standard
Nominal VCCO
Nominal VREF
Nominal VTT
LVTTL
3.3V
N/A
N/A
LVCMOS-3.3
3.3V
N/A
N/A
LVCMOS-2.5
2.5V
N/A
N/A
LVCMOS-1.8
1.8V
N/A
N/A
PCI 3.3V
3.3V
N/A
N/A
AGP-1X
3.3V
N/A
N/A
SSTL3, Class I & II
3.3V
1.5V
1.5V
SSTL2, Class I & II
2.5V
1.25V
1.25V
CTT 3.3
3.3V
1.5V
1.5V
CTT 2.5
2.5V
1.25V
1.25V
HSTL, Class I
1.5V
0.75V
0.75V
HSTL, Class III
1.5V
0.9V
0.75V
HSTL, Class IV
1.5V
0.9V
0.75V
GTL+
N/A
1.0V
1.5V
LVPECL, Differential
2.5V, 3.3V
N/A
N/A
LVDS
2.5V, 3.3V
N/A
N/A
sysIO Buffer
LVDS
Driver
Supported
Receiver
Supported with standard termination
LVPECL
Driver
Supported with external resistor network
Receiver
Supported with termination
1. For more information, refer to Lattice technical note TN1000, sysIO Usage Guidelines for Lattice Devices, available at
www.latticesemi.com.


Similar Part No. - LC5512MC-75Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com