Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-5F256AI1 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # LC4256V-5F256AI1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-5F256AI1 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button LC4256V-5F256AI1 Datasheet HTML 23Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 24Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 25Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 26Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 27Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 28Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 29Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 30Page - Lattice Semiconductor LC4256V-5F256AI1 Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
27
ispMACH 4000V/B/C Internal Timing Parameters
Over Recommended Operating Conditions
Parameter
Description
-2.5
-2.7
-3
-3.5
Units
In/Out Delays
tIN
Input Buffer Delay
0.60
0.60
0.70
0.70
ns
tGOE
Global OE Pin Delay
2.04
2.54
3.04
3.54
ns
tGCLK_IN
Global Clock Input Buffer Delay
0.78
1.28
1.28
1.28
ns
tBUF
Delay through Output Buffer
0.85
0.85
0.85
0.85
ns
tEN
Output Enable Time
0.96
0.96
0.96
0.96
ns
tDIS
Output Disable Time
0.96
0.96
0.96
0.96
ns
Routing/GLB Delays
tROUTE
Delay through GRP
0.61
0.81
1.01
1.01
ns
tMCELL
Macrocell Delay
0.45
0.55
0.55
0.65
ns
tINREG
Input Buffer to Macrocell Register
Delay
0.11
0.31
0.31
0.31
ns
tFBK
Internal Feedback Delay
0.00
0.00
0.00
0.00
ns
tPDb
5-PT Bypass Propagation Delay
0.44
0.44
0.44
0.94
ns
tPDi
Macrocell Propagation Delay
0.64
0.64
0.64
0.94
ns
Register/Latch Delays
tS
D-Register Setup Time
(Global Clock)
0.92
1.12
1.02
0.92
ns
tS_PT
D-Register Setup Time
(Product Term Clock)
1.42
1.32
1.32
1.32
ns
tST
T-Register Setup Time
(Global Clock)
1.12
1.32
1.22
1.12
ns
tST_PT
T-Register Setup Time
(Product Term Clock)
1.42
1.32
1.32
1.32
ns
tH
D-Register Hold Time
0.88
0.68
0.98
1.08
ns
tHT
T-Register Hold Time
0.88
0.68
0.98
1.08
ns
tSIR
D-Input Register Setup Time
(Global Clock)
0.82
1.37
1.27
1.27
ns
tSIR_PT
D-Input Register Setup Time
(Product Term Clock)
1.45
1.45
1.45
1.45
ns
tHIR
D-Input Register Hold Time
(Global Clock)
0.88
0.63
0.73
0.73
ns
tHIR_PT
D-Input Register Hold Time
(Product Term Clock)
0.88
0.63
0.73
0.73
ns
tCOi
Register Clock to Output/Feedback
MUX Time
0.52
0.52
0.52
0.52
ns
tCES
Clock Enable Setup Time
2.25
2.25
2.25
2.25
ns
tCEH
Clock Enable Hold Time
1.88
1.88
1.88
1.88
ns
tSL
Latch Setup Time
(Global Clock)
0.92
1.12
1.02
0.92
ns
tSL_PT
Latch Setup Time (Product Term
Clock)
1.42
1.32
1.32
1.32
ns
tHL
Latch Hold Time
1.17
1.17
1.17
1.17
ns
tGOi
Latch Gate to Output/Feedback
MUX Time
0.33
0.33
0.33
0.33
ns


Similar Part No. - LC4256V-5F256AI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-5F256AI LATTICE-LC4256V-5F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-5F256AI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com