Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-10F256BI1 Datasheet(PDF) 44 Page - Lattice Semiconductor

Part # LC4256V-10F256BI1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-10F256BI1 Datasheet(HTML) 44 Page - Lattice Semiconductor

Back Button LC4256V-10F256BI1 Datasheet HTML 40Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 41Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 42Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 43Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 44Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 45Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 46Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 47Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 48Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
44
ispMACH 4000V/B/C/Z Power Supply and NC Connections
1 (Cont.)
Signal
132-ball csBGA
7
144-pin TQFP
4
176-pin TQFP
4
256-ball ftBGA/fpBGA
2, 3, 7, 9
VCC
P1, A14, B7, N8
36, 57, 108, 129
42, 69, 88, 130,
157, 176
B2, B15, G8, G9, K8, K9, R2, R15
VCCO0
VCCO (Bank 0)
G3, P5, C1
8, M28,
C5
3, 19, 34, 47, 136
4, 22, 40, 56, 166
D6, F4, H7, J7, L4, N6
VCCO1
VCCO (Bank 1)
M10, M14
8, H12,
A10, C13
8
64, 75, 91, 106, 119 78, 92, 110, 128,
144
D11, F13, H10, J10, L13, N11
GND
B1, P2, N14, A13
1, 37, 73, 109
2, 46
5, 65, 90, 134,
153
A1, A16, C6, C11, F3, F14, G7, G10, H8,
H9, J8, J9, K7, K10, L3, L14, P6, P11, T1,
T16
GND (Bank 0)
E2, K2, N4, B4
10, 18
6, 27, 46, 127,
137
13, 31, 55, 155,
167
GND (Bank 1)
N11, K13, E13, B11 55, 65, 82, 90
6, 99,
118
67, 79, 101, 119,
143
NC
4064Z: C1, C3, E1,
E3, H2, J3, K1, M2,
M4, N5, P7, P8, M8,
P10, P11, P14, M12,
K14, K12, G13,
G14, E14, C13, B13,
B10, C10, A7, B5,
A5, A4, A1
4128Z: P8, A7
4128V: 17, 20, 38,
45, 72, 89, 92, 110,
117, 144
4256V: 18, 90
1, 43, 44, 45, 89,
131, 132, 133
4256V/B/C, 128 I/O: A4, A5, A6, A11, A12,
A13, A15, B5, B6, B11, B12, B14, C7, D1,
D4, D5, D10, D12, D16, E1, E2, E4, E5, E7,
E10, E13, E14, E15, E16, F1, F2, F15, F16,
G1, G4, G5, G6, G12, G13, G14, J11, K3,
K4, K15, L1, L2, L12, L15, L16, M1, M2, M3,
M4, M5, M12, M13, M15, M16, N1, N2, N7,
N10, N12, N14, P5, P12, R4, R5, R6, R11,
R12, R16, T2, T4, T5, T6, T11, T12, T13, T15
4256V/B/C, 160 I/O: A5, A12, A15, B5, B6,
B11, B12, B14, D4, D5, D12, E1, E4, E5,
E13, E15, E16, F1, F2, F15, G1, G5, G12,
G14, L1, L2, L12, L15, L16, M1, M2, M3,
M12, M16, N1, N12, N14, P5, R4, R5, R6,
R11, R12, R16, T4, T5, T12, T15
4384V/B/C: B5, B12, D5, D12, E1, E15,
E16, F2, L12, M1, M2, M16, N12, R5, R12,
T4
4512V/B/C: None
1. All grounds must be electrically connected at the board level. However, for the purposes of I/O current loading, grounds are associated with
the bank shown.
2. Internal GNDs and I/O GNDs (Bank 0/1) are connected inside package.
3. VCCO balls connect to two power planes within the package, one for VCCO0 and one for VCCO1.
4. Pin orientation follows the conventional order from pin 1 marking of the top side view and counter-clockwise.
5. ispMACH 4384V/B/C pin 46 is tied to GND (Bank 0).
6. ispMACH 4128V only.
7. Pin orientation A1 starts from the upper left corner of the top side view with alphabetical order ascending vertically and numerical order
ascending horizontally.
8. ispMACH 4128Z and 4256Z only. NC for ispMACH 4064Z.
9. Use 256 ftBGA package for all new designs. Refer to PCN#14A-07 for 256 fpBGA package discontinuance.


Similar Part No. - LC4256V-10F256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-10F256BI LATTICE-LC4256V-10F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-10F256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com