Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-10F256BI1 Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # LC4256V-10F256BI1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-10F256BI1 Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button LC4256V-10F256BI1 Datasheet HTML 61Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 62Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 63Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 64Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 65Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 66Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 67Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 68Page - Lattice Semiconductor LC4256V-10F256BI1 Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
65
142
1
O0
O^0
GX0
GX^0
OX0
OX^0
143
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
144
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
145
1
P14
P^7
HX14
HX^7
PX14
PX^7
146
1
P12
P^6
HX12
HX^6
PX12
PX^6
147
1
P10
P^5
HX10
HX^5
PX10
PX^5
148
1
P8
P^4
HX8
HX^4
PX8
PX^4
149
1
P6
P^3
HX6
HX^3
PX6
PX^3
150
1
P4
P^2
HX4
HX^2
PX4
PX^2
151
1
P2/GOE1
P^1
HX2/GOE1
HX^1
PX2/GOE1
PX^1
152
1
P0
P^0
HX0
HX^0
PX0
PX^0
153
-
GND
-
GND
-
GND
-
154
1
CLK3/I
-
CLK3/I
-
CLK3/I
-
155
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
156
0
CLK0/I
-
CLK0/I
-
CLK0/I
-
157
-
VCC
-
VCC
-
VCC
-
158
0
A0
A^0
A0
A^0
A0
A^0
159
0
A2/GOE0
A^1
A2/GOE0
A^1
A2//GOE0
A^1
160
0
A4
A^2
A4
A^2
A4
A^2
161
0
A6
A^3
A6
A^3
A6
A^3
162
0
A8
A^4
A8
A^4
A8
A^4
163
0
A10
A^5
A10
A^5
A10
A^5
164
0
A12
A^6
A12
A^6
A12
A^6
165
0
A14
A^7
A14
A^7
A14
A^7
166
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
167
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
168
0
B0
B^0
B0
B^0
B0
B^0
169
0
B2
B^1
B2
B^1
B2
B^1
170
0
B4
B^2
B4
B^2
B4
B^2
171
0
B6
B^3
B6
B^3
B6
B^3
172
0
B8
B^4
B8
B^4
B8
B^4
173
0
B10
B^5
B10
B^5
B10
B^5
174
0
B12
B^6
B12
B^6
B12
B^6
175
0
B14
B^7
B14
B^7
B14
B^7
176
-
VCC
-
VCC
-
VCC
-
ispMACH 4256V/B/C/Z, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4256V/B/C/Z
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4256V-10F256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-10F256BI LATTICE-LC4256V-10F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-10F256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com