Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384V-5F256I1 Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # LC4384V-5F256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384V-5F256I1 Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button LC4384V-5F256I1 Datasheet HTML 20Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 21Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 22Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 23Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 24Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 25Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 26Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 27Page - Lattice Semiconductor LC4384V-5F256I1 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
24
ispMACH 4000Z External Switching Characteristics
Over Recommended Operating Conditions
Parameter
Description
1, 2, 3
-35
-37
-42
Units
Min.
Max.
Min.
Max.
Min.
Max.
tPD
5-PT bypass combinatorial propagation delay
3.5
3.7
4.2
ns
tPD_MC
20-PT combinatorial propagation delay
through macrocell
4.4
4.7
5.7
ns
tS
GLB register setup time before clock
2.2
2.5
2.7
ns
tST
GLB register setup time before clock with
T-type register
2.4
2.7
2.9
ns
tSIR
GLB register setup time before clock, input
register path
1.0
1.1
1.3
ns
tSIRZ
GLB register setup time before clock with zero
hold
2.0
2.1
2.6
ns
tH
GLB register hold time after clock
0.0
0.0
0.0
ns
tHT
GLB register hold time after clock with T-type
register
0.0
0.0
0.0
ns
tHIR
GLB register hold time after clock, input
register path
1.0
1.0
1.3
ns
tHIRZ
GLB register hold time after clock, input
register path with zero hold
0.0
0.0
0.0
ns
tCO
GLB register clock-to-output delay
3.0
3.2
3.5
ns
tR
External reset pin to output delay
5.0
6.0
7.3
ns
tRW
External reset pulse duration
1.5
1.7
2.0
ns
tPTOE/DIS
Input to output local product term output
enable/disable
7.0
8.0
8.0
ns
tGPTOE/DIS
Input to output global product term output
enable/disable
6.5
7.0
8.0
ns
tGOE/DIS
Global OE input to output enable/disable
4.5
4.5
4.8
ns
tCW
Global clock width, high or low
1.0
1.5
1.8
ns
tGW
Global gate width low (for low transparent) or
high (for high transparent)
1.0
1.5
1.8
ns
tWIR
Input register clock width, high or low
1.0
1.5
1.8
ns
fMAX
4
Clock frequency with internal feedback
267
250
220
MHz
tMAX (Ext.)
clock frequency with external feedback,
[1 / (tS + tCO)]
192
175
161
MHz
1. Timing numbers are based on default LVCMOS 1.8 I/O buffers. Use timing adjusters provided to calculate other standards.
Timing v.2.2
2. Measured using standard switching GRP loading of 1 and 1 output switching.
3. Pulse widths and clock widths less than minimum will cause unknown behavior.
4. Standard 16-bit counter using GRP feedback.


Similar Part No. - LC4384V-5F256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384V-5F256I LATTICE-LC4384V-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384V-5F256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com