Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512V-5F256I1 Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # LC4512V-5F256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512V-5F256I1 Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button LC4512V-5F256I1 Datasheet HTML 36Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 37Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 38Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 39Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 40Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 41Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 42Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 43Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
40
Power Consumption
Power Estimation Coefficients
1
Device
A
B
ispMACH 4032V/B
11.3
0.010
ispMACH 4032C
1.3
0.010
ispMACH 4064V/B
11.5
0.010
ispMACH 4064C
1.5
0.010
ispMACH 4128V/B
11.5
0.011
ispMACH 4128C
1.5
0.011
ispMACH 4256V/B
12
0.011
ispMACH 4256C
2
0.011
ispMACH 4384V/B
12.5
0.013
ispMACH 4384C
2.5
0.013
ispMACH 4512V/B
13
0.013
ispMACH 4512C
3
0.013
ispMACH 4032ZC
0.010
0.010
ispMACH 4064ZC
0.011
0.010
ispMACH 4128ZC
0.012
0.010
ispMACH 4256ZC
0.013
0.010
1. For further information about the use of these coefficients, refer to Technical Note
TN1005, Power Estimation in ispMACH 4000V/B/C/Z Devices.
0
100
50
50
100
200
150
250
150
200
250
300
350
400
Frequency (MHz)
Note: The devices are configured with maximum number
of 16-bit counters, typical current at 1.8V, 25°C.
150
200
300
250
100
50
0
4032V/B
4064V/B
4128V/B
4384V/B
4256V/B
4512V/B
ispMACH 4000C
Typical ICC vs. Frequency
Note: The devices are configured with maximum number
of 16-bit counters, typical current at 3.3V, 2.5V, 25°C.
4032C
4064C
4128C
4384C
4256C
4512C
ispMACH 4000V/B
Typical ICC vs. Frequency
4032ZC
4064ZC
4128ZC
4256ZC
60
80
100
40
20
0100
50
150
200
250
300
350
400
Frequency (MHz)
150
200
300
250
100
50
0
Note: The devices are configured with maximum number
of 16-bit counters, typical current at 1.8V, 25°C.
ispMACH 4000Z
Typical ICC vs. Frequency
(Preliminary Information)
0300
Frequency (MHz)
0


Similar Part No. - LC4512V-5F256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512V-5F256I LATTICE-LC4512V-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512V-5F256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com