Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512V-5F256I1 Datasheet(PDF) 50 Page - Lattice Semiconductor

Part # LC4512V-5F256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512V-5F256I1 Datasheet(HTML) 50 Page - Lattice Semiconductor

Back Button LC4512V-5F256I1 Datasheet HTML 46Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 47Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 48Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 49Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 50Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 51Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 52Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 53Page - Lattice Semiconductor LC4512V-5F256I1 Datasheet HTML 54Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
50
42
1
C1
C^1
E2
E^1
I6
I^1
43
1
C2
C^2
E4
E^2
I10
I^2
44
1
C3
C^3
E6
E^3
I12
I^3
45
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
46
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
47
1
C4
C^4
E8
E^4
J2
J^0
48
1
C5
C^5
E10
E^5
J6
J^1
49
1
C6
C^6
E12
E^6
J10
J^2
50
1
C7
C^7
E14
E^7
J12
J^3
51
-
GND
-
GND
-
GND
-
52
-
TMS
-
TMS
-
TMS
-
53
1
C8
C^8
F0
F^0
K12
K^3
54
1
C9
C^9
F2
F^1
K10
K^2
55
1
C10
C^10
F4
F^2
K6
K^1
56
1
C11
C^11
F6
F^3
K2
K^0
57
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
58
1
C12
C^12
F8
F^4
L12
L^3
59
1
C13
C^13
F10
F^5
L10
L^2
60
1
C14
C^14
F12
F^6
L6
L^1
61
1
C15
C^15
F13
F^7
L4
L^0
62*
1
I
-
I
-
I
-
63
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
64
1
D15
D^15
G14
G^7
M4
M^0
65
1
D14
D^14
G12
G^6
M6
M^1
66
1
D13
D^13
G10
G^5
M10
M^2
67
1
D12
D^12
G8
G^4
M12
M^3
68
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
69
1
D11
D^11
G6
G^3
N2
N^0
70
1
D10
D^10
G5
G^2
N6
N^1
71
1
D9
D^9
G4
G^1
N10
N^2
72
1
D8
D^8
G2
G^0
N12
N^3
73*
1
I
-
I
-
I
-
74
-
TDO
-
TDO
-
TDO
-
75
-
VCC
-
VCC
-
VCC
-
76
-
GND
-
GND
-
GND
-
77*
1
I
-
I
-
I
-
78
1
D7
D^7
H13
H^7
O12
O^3
79
1
D6
D^6
H12
H^6
O10
O^2
80
1
D5
D^5
H10
H^5
O6
O^1
81
1
D4
D^4
H8
H^4
O2
O^0
82
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
ispMACH 4064V/B/C/Z, 4128V/B/C/Z, 4256V/B/C/Z Logic Signal Connections:
100-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4064V/B/C/Z
ispMACH 4128V/B/C/Z
ispMACH 4256V/B/C/Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512V-5F256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512V-5F256I LATTICE-LC4512V-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512V-5F256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com