Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F484I Datasheet(PDF) 52 Page - Lattice Semiconductor

Part # LC5512MC-5F484I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F484I Datasheet(HTML) 52 Page - Lattice Semiconductor

Back Button LC5512MC-5F484I Datasheet HTML 48Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 49Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 50Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 51Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 52Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 53Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 54Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 55Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 56Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
52
1
4N
A16/CSB
A9
B9
A17
L5
1
5P
A18/READ
A10
B10
A19
N1
1
5N
A20/CCLK
A11
B11
A21
M2
-
-
VCC
-
-
-
VCC
-
-
DONE
-
-
-
M4
1
6P
A22
A12
B12
A23
N3
1
6N
A24
A13
B13
A25
P4
1
7P
A26
A14
B14
A27
N5
1
7N
A28
A15
B15
A29
M6
-
-
PROGRAMB
-
-
-
R3
-
-
GND (Bank 1)
-
-
-
GND (Bank 1)
-
-
VCCO1
-
-
-
VCC01
-
-
CFG0
-
-
-
L8
1
8P
B2
A16
B16
B3
T7
1
8N
B4
A17
B17
-
R7
1
9P
B5
A18
B18
-
N7
1
9N
B6
A19
B19
B7
P7
1
10P
B8
A20
B20
B9
T8
1
10N
B10
A21
B21
B11
R8
1
11P
B12
A22
B22
B13
M8
1
11N
B14
A23
B23
B15
P8
1
-
B16/VREF1
-
-
B17
L9
1
12P
B18
A24
B24
B19
N8
1
12N
B20
A25
B25
-
M9
-
-
GND (Bank 1)
-
-
-
GND (Bank 1)
1
13P
B21
A26
B26
-
N10
-
-
VCCO1
-
-
-
VCCO1
1
13N
B22
A27
B27
B23
T9
1
14P
B24
A28
B28
B25
T10
1
14N
B26
A29
B29
B27
R9
-
-
VCC
-
-
-
VCC
1
15P
B28
A30
B30
B29
P9
1
15N
B30
A31
B31
B31
N9
2
16P
C0
C0
D0
C1
T11
2
16N
C2
C1
D1
C3
T12
2
17P
C4
C2
D2
-
P10
2
17N
C5
C3
D3
-
R10
2
18P
C6
C4
D4
C7
R11
-
-
VCCO2
-
-
-
VCCO2
2
18N
C8
C5
D5
C9
M10
-
-
GND (Bank 2)
-
-
-
GND (Bank 2)
2
19P
C10
C6
D6
C11
M11
2
19N
C12
C7
D7
C13
T13
ispXPLD 5256MX Logic Signal Connections (Continued)
sysIO Bank
LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate Input
256 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-5F484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com