Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F484I Datasheet(PDF) 67 Page - Lattice Semiconductor

Part # LC5512MC-5F484I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F484I Datasheet(HTML) 67 Page - Lattice Semiconductor

Back Button LC5512MC-5F484I Datasheet HTML 63Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 64Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 65Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 66Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 67Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 68Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 69Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 70Page - Lattice Semiconductor LC5512MC-5F484I Datasheet HTML 71Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
67
1
-
C28
D14
-
C29
P5
U8
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
15P
C26
D16
-
C27
T4
V6
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
15N
C24
D18
-
C25
T5
V7
-
-
GND
-
-
-
GND
GND
1
16P
C22
D20
-
C23
R4
Y5
-
-
VCC
-
-
-
VCC
VCC
1
16N
C20
D22
-
C21
N6
AA5
1
17P
C18
-
-
C19
R5
Y6
1
17N
C16
-
-
C17
P6
Y7
1
18P
C14
-
-
C15
AA6
1
18N
C12
-
-
C13
AA7
1
19P
C10
-
-
C11
W7
1
19N
C8
-
-
C9
M7
V8
1
20P
C6
-
-
C7
T6
W8
1
20N
C4
-
-
C5
R6
U9
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
-
-
CFG0
-
-
-
L8
U10
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
21P
C0
C16
A16
C1
T7
AB7
1
21N
D30
C17
A17
D31
R7
AA8
1
22P
D28
C18
A18
D29
N7
AB8
1
22N
D26
C19
A19
D27
P7
AB9
1
23P
D24
C20
A20
D25
T8
W9
1
23N
D22
C21
A21
D23
R8
Y9
1
24P
D20
C22
A22
D21
M8
AB10
1
24N
D18
C23
A23
D19
P8
AA10
1
-
D16/VREF1
-
-
D17
L9
W10
1
25P
D14
C24
A24
D15
N8
Y10
1
25N
D12
C25
A25
D13
M9
Y11
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
26P
D10
C26
A26
D11
N10
V9
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
26N
D8
C27
A27
D9
T9
V10
1
27P
D6
C28
A28
D7
T10
AA11
-
-
GND
-
-
-
GND
GND
1
27N
D4
C29
A29
D5
R9
AB11
-
-
VCC
-
-
-
VCC
VCC
1
28P
D2
C30
A30
D3
P9
U11
1
28N
D0
C31
A31
D1
N9
V11
2
29P
E0
F0
H0
E1
T11
AB12
-
-
VCC
-
-
-
VCC
VCC
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-5F484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com