Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFE212E-6F256I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # LFE212E-6F256I
Description  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE212E-6F256I Datasheet(HTML) 5 Page - Lattice Semiconductor

  LFE212E-6F256I Datasheet HTML 1Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 2Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 3Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 4Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 5Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 6Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 7Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 8Page - Lattice Semiconductor LFE212E-6F256I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 386 page
background image
2-2
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-1. Simplified Block Diagram, ECP2-6 Device (Top Level)
Figure 2-2. Simplified Block Diagram, ECP2M20 Device (Top Level)
Programmable
Function Units
(PFUs)
Flexible sysIO Buffers:
LVCMOS, HSTL, SSTL,
LVDS, and other standards
sysDSP Blocks
Multiply and
Accumulate Support
sysMEM Block RAM
18kbit Dual Port
sysCLOCK PLLs and DLLs
Frequency Synthesis and
Clock Alignment
Flexible routing optimized
for speed, cost and routability
Configuration logic, including
dual boot and encryption.
On-chip oscillator and
soft-error detection.
Configuration port
Pre-engineered source
synchronous support
• DDR1/2
• SPI4.2
• ADC/DAC devices
Flexible sysIO
Buffers:
LVCMOS, HSTL
SSTL, LVDS
Pre-Engineered
Source Synchronous
Support
• DDR1/2
• SPI4.2
• ADC/DAC devices
SERDES
DSP Blocks
Multiply & Accumulate
Support
On-Chip
Oscillator
Programmable
Function Units
(PFUs)
Channel
3
Channel
2
Channel
1
Channel
0
sysMEM Block
RAM 18kbit Dual Port
Configuration
Logic, Including
dual boot and encryption,
and soft-error detection
Flexible Routing
optimized for speed,
cost & routability
sysCLOCK GPLLs
& GDLLs
Frequency Synthesis
& Clock Alignment
Configuration Port
sysCLOCK SPLLs


Similar Part No. - LFE212E-6F256I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFE212E-6F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com