Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7441A Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7441A
Description  10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7441A Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7441A Datasheet HTML 4Page - Analog Devices ADV7441A Datasheet HTML 5Page - Analog Devices ADV7441A Datasheet HTML 6Page - Analog Devices ADV7441A Datasheet HTML 7Page - Analog Devices ADV7441A Datasheet HTML 8Page - Analog Devices ADV7441A Datasheet HTML 9Page - Analog Devices ADV7441A Datasheet HTML 10Page - Analog Devices ADV7441A Datasheet HTML 11Page - Analog Devices ADV7441A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADV7441A
Rev. B | Page 8 of 28
TIMING CHARACTERISTICS
AVDD = 1.71 V to 1.89 V, DVDD = 1.62 V to 1.98 V, DVDDIO = 2.97 V to 3.63 V, PVDD = 1.71 V to 1.89 V, TVDD = 3.135 V to 3.465 V,
CVDD = 1.71 V to 1.89 V. Operating temperature range is −40°C to +85°C, unless otherwise noted.
Table 4.
Parameter1, 2
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
28.6363
MHz
Crystal Frequency Stability
±50
ppm
Horizontal Sync Input Frequency
14.8
110
kHz
LLC Frequency Range
12.825
170
MHz
I2C PORTS (FAST MODE)3
xCL Frequency4
400
kHz
xCL Minimum Pulse Width High4
t1
0.6
μs
xCL Minimum Pulse Width Low4
t2
1.3
μs
Hold Time (Start Condition)
t3
0.6
μs
Setup Time (Start Condition)
t4
0.6
μs
xDA Setup Time4
t5
100
ns
xCL and xDA Rise Times4
t6
300
ns
xCL and xDA Fall Times4
t7
300
ns
Setup Time for Stop Condition
t8
0.6
μs
I2C PORTS (NORMAL MODE)3
xCL Frequency4
100
kHz
xCL Minimum Pulse Width High4
t1
4
μs
xCL Minimum Pulse Width Low4
t2
4.7
μs
Hold Time (Start Condition)
t3
4
μs
Setup Time (Start Condition)
t4
4.7
μs
xDA Setup Time4
t5
250
ns
xCL and xDA Rise Times4
t6
1000
ns
xCL and xDA Fall Times4
t7
300
ns
Setup Time for Stop Condition
t8
4
μs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark Space Ratio
t9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS
Data Output Transition Time SDR (SDP)5
t11
Negative clock edge to start of valid data
3.4
ns
t12
End of valid data to negative clock edge
2.4
ns
Data Output Transition Time SDR (CP)6
t13
End of valid data to negative clock edge
2
ns
t14
Negative clock edge to start of valid data
0.5
ns
I2S PORT (MASTER MODE)
SCLK Mark Space Ratio
t15:t16
45:55
55:45
% duty cycle
LRCLK Data Transition Time
t17
End of valid data to negative SCLK edge
10
ns
t18
Negative SCLK edge to start of valid data
10
ns
I2Sx Data Transition Time7
t19
End of valid data to negative SCLK edge
5
ns
t20
Negative SCLK edge to start of valid data
5
ns
MCLKOUT Frequency
4.096
24.576
MHz
1 The minimum/maximum specifications are guaranteed over the −40°C to +85°C temperature range (TMIN to TMAX).
2 Guaranteed by characterization.
3 Refers to all I2C pins (DDC and control port).
4 The prefix x refers to pin names beginning with S, DDCA_S, and DDCB_S.
5 SDP timing figures were obtained using the default drive strength value (0x15) in User Map Register 0xF4.
6 CP timing figures were obtained using the maximum drive strength value (0x3F) in User Map Register 0xF4.
7 The suffix x refers to pin names ending with 0, 1, 2, and 3.


Similar Part No. - ADV7441A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7400 AD-ADV7400 Datasheet
316Kb / 4P
   ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400ABSTZ-1101 AD-ADV7400ABSTZ-1101 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400AKSTZ-110 AD-ADV7400AKSTZ-110 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400AKSTZ-1101 AD-ADV7400AKSTZ-1101 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
More results

Similar Description - ADV7441A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com