Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75FN484I Datasheet(PDF) 79 Page - Lattice Semiconductor

Part # LC5512MC-75FN484I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75FN484I Datasheet(HTML) 79 Page - Lattice Semiconductor

Back Button LC5512MC-75FN484I Datasheet HTML 75Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 76Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 77Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-75FN484I Datasheet HTML 83Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
79
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
31P
G26
H16
-
G27
V6
AB7
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
31N
G24
H18
-
G25
V7
AC7
-
-
GND
-
-
-
GND
GND
1
32P
G22
H20
-
G23
Y5
AB6
-
-
VCC
-
-
-
VCC
VCC
1
32N
G20
H22
-
G21
AA5
AC6
1
33P
G18
-
-
G19
Y6
AC8
1
33N
G16
-
-
G17
Y7
AC9
1
34P
G14
-
-
G15
AA6
AC5
1
34N
G12
-
-
G13
AA7
AD4
1
35P
G10
-
-
G11
W7
AD5
1
35N
G8
-
-
G9
V8
AD6
1
36P
G6
-
-
G7
W8
AD7
1
36N
G4
-
-
G5
U9
AD8
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
-
-
CFG0
-
-
-
U10
AE3
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
37P
G0
G16
E16
G1
AB7
AD9
1
37N
H30
G17
E17
H31
AA8
AD10
1
38P
H28
G18
E18
H29
AB8
AE4
1
38N
H26
G19
E19
H27
AB9
AE5
1
39P
H24
G20
E20
H25
W9
AE6
1
39N
H22
G21
E21
H23
Y9
AE7
1
40P
H20
G22
E22
H21
AB10
AE8
1
40N
H18
G23
E23
H19
AA10
AE9
1
-
H16/VREF1
-
-
H17
W10
AE10
1
41P
H14
G24
E24
H15
Y10
AF3
1
41N
H12
G25
E25
H13
Y11
AF4
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
42P
H10
G26
E26
H11
V9
AF5
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
42N
H8
G27
E27
H9
V10
AF6
1
43P
H6
G28
E28
H7
AA11
AF7
-
-
GND
-
-
-
GND
GND
1
43N
H4
G29
E29
H5
AB11
AF8
-
-
VCC
-
-
-
VCC
VCC
1
44P
H2
G30
E30
H3
U11
AF9
1
44N
H0
G31
E31
H1
V11
AF10
2
45P
I0
J0
L0
I1
AB12
AF17
-
-
VCC
-
-
-
VCC
VCC
2
45N
I2
J1
L1
I3
AA12
AF18
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-75FN484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75FN484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com