Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071IN Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL071IN
Description  Low noise JFET single operational amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL071IN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL071IN Datasheet HTML 3Page - STMicroelectronics TL071IN Datasheet HTML 4Page - STMicroelectronics TL071IN Datasheet HTML 5Page - STMicroelectronics TL071IN Datasheet HTML 6Page - STMicroelectronics TL071IN Datasheet HTML 7Page - STMicroelectronics TL071IN Datasheet HTML 8Page - STMicroelectronics TL071IN Datasheet HTML 9Page - STMicroelectronics TL071IN Datasheet HTML 10Page - STMicroelectronics TL071IN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TL071
Electrical characteristics
7/15
Figure 9.
Input bias current versus free air
temperature
Figure 10.
Large signal differential voltage
amplification versus free air temp.
100
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
1000
400
200
100
20
40
10
4
2
1
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
R
L
= 2k
Ω
V
O =
10V
V
CC
=
15V
Figure 11.
Large signal differential voltage
amplification and phase shift
versus frequency
Figure 12.
Total power dissipation versus free
air temperature
FREQUENCY (Hz)
100
10
100
1K
10K
100K
10M
1M
1
DIFFERENTIAL
VOLTAGE
AMPLIFICATION
(left scale)
180
90
0
R = 2kW
C = 100pF
V
= 15V
T
= +125°C
L
L
CC
amb
PHASE SHIFT
(right scale)
250
225
200
175
150
125
100
75
50
25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
Figure 13.
Supply current per amplifier versus
free air temperature
Figure 14.
Common mode rejection ratio
versus free air temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
89
88
87
86
85
84
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
83
-75
R
L = 1 0 kΩ
=
15V
V
CC


Similar Part No. - TL071IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL071IN STMICROELECTRONICS-TL071IN Datasheet
90Kb / 9P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
December 1998
TL071IN STMICROELECTRONICS-TL071IN Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
More results

Similar Description - TL071IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
logo
Texas Instruments
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
   Single Operational Amplifier (JFET)
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com