Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-75FTN256BC Datasheet(PDF) 54 Page - Lattice Semiconductor

Part # LC4256C-75FTN256BC
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-75FTN256BC Datasheet(HTML) 54 Page - Lattice Semiconductor

Back Button LC4256C-75FTN256BC Datasheet HTML 50Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 51Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 52Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 53Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 54Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 55Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 56Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 57Page - Lattice Semiconductor LC4256C-75FTN256BC Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
54
105
1
VCCO (Bank 1)
-
106
1
H6
H^5
107
1
H5
H^4
108
1
H4
H^3
109
1
H2
H^2
110
1
H1
H^1
111
1
H0/GOE1
H^0
112
1
CLK3/I
-
113
0
GND (Bank 0)
-
114
0
CLK0/I
-
115
0
VCC
-
116
0
A0/GOE0
A^0
117
0
A1
A^1
118
0
A2
A^2
119
0
A4
A^3
120
0
A5
A^4
121
0
A6
A^5
122
0
VCCO (Bank 0)
-
123
0
GND (Bank 0)
-
124
0
A8
A^6
125
0
A9
A^7
126
0
A10
A^8
127
0
A12
A^9
128
0
A14
A^11
ispMACH 4064Z, 4128Z and 4256Z Logic Signal Connections:
132-Ball csBGA
Ball Number Bank Number
ispMACH 4064Z
ispMACH 4128Z
ispMACH 4256Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
B1
-
GND
-
GND
-
GND
-
B2
-
TDI
-
TDI
-
TDI
-
C1
0
NC
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
C3
0
NC
-
B0
B^0
C12
C^6
C2
0
A8
A^8
B1
B^1
C10
C^5
D1
0
A9
A^9
B2
B^2
C8
C^4
D3
0
A10
A^10
B4
B^3
C6
C^3
D2
0
A11
A^11
B5
B^4
C4
C^2
E1
0
NC
B6
B^5
C2
C^1
E2
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
ispMACH 4128V/B/C Logic Signal Connections: 128-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V/B/C
GLB/MC/Pad
ORP


Similar Part No. - LC4256C-75FTN256BC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-75F256AC LATTICE-LC4256C-75F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256AI LATTICE-LC4256C-75F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256BC LATTICE-LC4256C-75F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256BI LATTICE-LC4256C-75F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-75FTN256BC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com