Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB13NK60Z-1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB13NK60Z-1
Description  N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NK60Z-1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB13NK60Z-1 Datasheet HTML 3Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 4Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 5Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 6Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 7Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 8Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 9Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 10Page - STMicroelectronics STB13NK60Z-1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STB13NK60Z - STB13NK60Z-1 - STP13NK60Z/FP - STW13NK60Z
2 Electrical characteristics
7/17
Figure 13. Normalized Gate Threshold Voltage
vs Temperatute
Figure 14. Normalized on Resistance vs
Temperature
Figure 15. Source-drain Diode Forward
Characteristics
Figure 16. Normalized BVDSS vs Temperature
Figure 17. Maximum Avalanche Energy vs
Temperature


Similar Part No. - STB13NK60Z-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NK60Z-1 STMICROELECTRONICS-STB13NK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results

Similar Description - STB13NK60Z-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_06 Datasheet
492Kb / 19P
   N-channel 600V - 0.65廓 - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
   N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
   N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
   N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
   N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
STW13NK100Z STMICROELECTRONICS-STW13NK100Z_06 Datasheet
319Kb / 14P
   N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_06 Datasheet
452Kb / 15P
   N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com