Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-75TN176C Datasheet(PDF) 61 Page - Lattice Semiconductor

Part # LC4256C-75TN176C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-75TN176C Datasheet(HTML) 61 Page - Lattice Semiconductor

Back Button LC4256C-75TN176C Datasheet HTML 57Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 58Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 59Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 60Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 61Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 62Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 63Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 64Page - Lattice Semiconductor LC4256C-75TN176C Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
61
129
-
VCC
-
VCC
-
130
0
A0/GOE0
A^0
A2/GOE0
A^1
131
0
A1
A^1
A4
A^2
132
0
A2
A^2
A6
A^3
133
0
A4
A^3
A8
A^4
134
0
A5
A^4
A10
A^5
135
0
A6
A^5
A12
A^6
136
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
137
0
GND (Bank 0)
-
GND (Bank 0)
-
138
0
A8
A^6
B2
B^1
139
0
A9
A^7
B4
B^2
140
0
A10
A^8
B6
B^3
141
0
A12
A^9
B8
B^4
142
0
A13
A^10
B10
B^5
143
0
A14
A^11
B12
B^6
144
0
NC
2
-I
2
-
1. For device migration considerations, these NC pins are GND pins for I/O banks in ispMACH 4128V devices.
2. For device migration considerations, these NC pins are input signal pins in ispMACH 4256V devices.
ispMACH 4256V/B/C/Z, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP
Pin Number
Bank
Number
ispMACH 4256V/B/C/Z
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
1
-
NC
-
NC
-
NC
-
2
-
GND
-
GND
-
GND
-
3
-
TDI
-
TDI
-
TDI
-
4
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
5
0
C14
C^7
C14
C^7
C14
C^7
6
0
C12
C^6
C12
C^6
C12
C^6
7
0
C10
C^5
C10
C^5
C10
C^5
8
0
C8
C^4
C8
C^4
C8
C^4
9
0
C6
C^3
C6
C^3
C6
C^3
10
0
C4
C^2
C4
C^2
C4
C^2
11
0
C2
C^1
C2
C^1
C2
C^1
12
0
C0
C^0
C0
C^0
C0
C^0
13
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
14
0
D14
D^7
E14
E^7
G14
G^7
15
0
D12
D^6
E12
E^6
G12
G^6
16
0
D10
D^5
E10
E^5
G10
G^5
17
0
D8
D^4
E8
E^4
G8
G^4
18
0
D6
D^3
E6
E^3
G6
G^3
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4256C-75TN176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-75T100C LATTICE-LC4256C-75T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75T100I LATTICE-LC4256C-75T100I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75T176C LATTICE-LC4256C-75T176C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75T176I LATTICE-LC4256C-75T176I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-75TN176C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com