Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512C-5FN256C1 Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # LC4512C-5FN256C1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512C-5FN256C1 Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button LC4512C-5FN256C1 Datasheet HTML 49Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 50Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 51Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 52Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 53Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 54Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 55Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 56Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
53
62
1
E10
E^8
63
1
E12
E^9
64
1
E14
E^11
65
1
GND
-
66
1
TMS
-
67
1
VCCO (Bank 1)
-
68
1
F0
F^0
69
1
F1
F^1
70
1
F2
F^2
71
1
F4
F^3
72
1
F5
F^4
73
1
F6
F^5
74
1
GND (Bank 1)
-
75
1
F8
F^6
76
1
F9
F^7
77
1
F10
F^8
78
1
F12
F^9
79
1
F13
F^10
80
1
F14
F^11
81
1
VCCO (Bank 1)
-
82
1
G14
G^11
83
1
G13
G^10
84
1
G12
G^9
85
1
G10
G^8
86
1
G9
G^7
87
1
G8
G^6
88
1
GND (Bank 1)
-
89
1
G6
G^5
90
1
G5
G^4
91
1
G4
G^3
92
1
G2
G^2
93
1
G0
G^0
94
1
VCCO (Bank 1)
-
95
1
TDO
-
96
1
VCC
-
97
1
GND
-
98
1
H14
H^11
99
1
H13
H^10
100
1
H12
H^9
101
1
H10
H^8
102
1
H9
H^7
103
1
H8
H^6
104
1
GND (Bank 1)
-
ispMACH 4128V/B/C Logic Signal Connections: 128-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V/B/C
GLB/MC/Pad
ORP


Similar Part No. - LC4512C-5FN256C1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512C-5F256C LATTICE-LC4512C-5F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512C-5F256I LATTICE-LC4512C-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512C-5FN256C1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com