Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512C-5FN256C1 Datasheet(PDF) 72 Page - Lattice Semiconductor

Part # LC4512C-5FN256C1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512C-5FN256C1 Datasheet(HTML) 72 Page - Lattice Semiconductor

Back Button LC4512C-5FN256C1 Datasheet HTML 68Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 69Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 70Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 71Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 72Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 73Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 74Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 75Page - Lattice Semiconductor LC4512C-5FN256C1 Datasheet HTML 76Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
72
E7
0
NC
-
B1
B^1
F8
F^4
D12
D^3
A3
0
B0
B^0
B2
B^2
B0
B^0
B0
B^0
F7
0
B2
B^1
B4
B^3
B2
B^1
B2
B^1
B4
0
B4
B^2
B6
B^4
B4
B^2
B4
B^2
C5
0
B6
B^3
B8
B^5
B6
B^3
B6
B^3
A2
0
B8
B^4
B9
B^6
B8
B^4
B8
B^4
E6
0
B10
B^5
B10
B^7
B10
B^5
B10
B^5
B3
0
B12
B^6
B12
B^8
B12
B^6
B12
B^6
C4
0
B14
B^7
B14
B^9
B14
B^7
B14
B^7
D4
0
NC
-
NC
-
D10
D^5
F0
F^0
E5
0
NC
-
NC
-
D8
D^4
F2
F^1
-
-
VCC
-
VCC
-
VCC
-
VCC
-
-
-
----
GND
-
GND
-
-
0
-
-
-
-
GND (Bank 0)
-
GND (Bank 0)
-
Note: VCC, VCCO and GND are tied together to their respective common signal on the package substrate. See Power Supply and NC Con-
nections table for VCC/ VCCO/GND pin definitions.
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball ftBGA/fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512C-5FN256C1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512C-5F256C LATTICE-LC4512C-5F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512C-5F256I LATTICE-LC4512C-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512C-5FN256C1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com