Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP5NA60FI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP5NA60FI
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NA60FI Datasheet(HTML) 2 Page - STMicroelectronics

  STP5NA60FI Datasheet HTML 1Page - STMicroelectronics STP5NA60FI Datasheet HTML 2Page - STMicroelectronics STP5NA60FI Datasheet HTML 3Page - STMicroelectronics STP5NA60FI Datasheet HTML 4Page - STMicroelectronics STP5NA60FI Datasheet HTML 5Page - STMicroelectronics STP5NA60FI Datasheet HTML 6Page - STMicroelectronics STP5NA60FI Datasheet HTML 7Page - STMicroelectronics STP5NA60FI Datasheet HTML 8Page - STMicroelectronics STP5NA60FI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
TO-220
ISOWATT220
Rthj-case
Thermal Resist ance Junct ion-case
Max
1.14
2. 78
oC/W
Rthj-amb
Rthc- sink
Tl
Thermal Resist ance Junct ion-ambient
Max
Thermal Resist ance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Uni t
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max,
δ <1%)
5.3
A
EAS
Single Pulse Avalanche Energy
(st arting Tj =25
oC, ID =IAR,VDD =50 V)
140
mJ
EAR
Repet itive Avalanche Energy
(pulse width limited by Tj max,
δ <1%)
6mJ
IAR
Avalanche Current, Repetitive or Not-Repetitive
(T c = 100
oC, pulse width limited by Tj max,
δ <1%)
3.5
A
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS = 0
600
V
IDS S
Zero Gate Volt age
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
25
250
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage VDS =VGS
ID =250
µA
2. 25
3
3. 75
V
RDS(on)
St atic Drain-source On
Resist ance
VGS =10V
ID = 2.6 A
1.35
1.6
ID(on)
On St ate Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
5.3
A
DYNAMIC
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =2.6 A
2.7
4.7
S
Ciss
Coss
Crss
I nput Capacitance
Output Capacit ance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS =0
925
130
32
1210
175
45
pF
pF
pF
STP5NA60/FI
2/10


Similar Part No. - STP5NA60FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NA50 STMICROELECTRONICS-STP5NA50 Datasheet
202Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP5NA50FI STMICROELECTRONICS-STP5NA50FI Datasheet
202Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP5NA80 STMICROELECTRONICS-STP5NA80 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP5NA80 NJSEMI-STP5NA80 Datasheet
1,018Kb / 3P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
STMicroelectronics
STP5NA80FI STMICROELECTRONICS-STP5NA80FI Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

Similar Description - STP5NA60FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com