Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4064C-10TN100I Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # LC4064C-10TN100I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4064C-10TN100I Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button LC4064C-10TN100I Datasheet HTML 45Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 46Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 47Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 48Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 49Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 50Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 51Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 52Page - Lattice Semiconductor LC4064C-10TN100I Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
49
ispMACH 4064V/B/C/Z, 4128V/B/C/Z, 4256V/B/C/Z Logic Signal Connections:
100-Pin TQFP
Pin Number
Bank
Number
ispMACH 4064V/B/C/Z
ispMACH 4128V/B/C/Z
ispMACH 4256V/B/C/Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
1
-
GND
-
GND
-
GND
-
2
-
TDI
-
TDI
-
TDI
-
3
0
A8
A^8
B0
B^0
C12
C^3
4
0
A9
A^9
B2
B^1
C10
C^2
5
0
A10
A^10
B4
B^2
C6
C^1
6
0
A11
A^11
B6
B^3
C2
C^0
7
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
8
0
A12
A^12
B8
B^4
D12
D^3
9
0
A13
A^13
B10
B^5
D10
D^2
10
0
A14
A^14
B12
B^6
D6
D^1
11
0
A15
A^15
B13
B^7
D4
D^0
12*
0
I
-
I
-
I
-
13
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
14
0
B15
B^15
C14
C^7
E4
E^0
15
0
B14
B^14
C12
C^6
E6
E^1
16
0
B13
B^13
C10
C^5
E10
E^2
17
0
B12
B^12
C8
C^4
E12
E^3
18
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
19
0
B11
B^11
C6
C^3
F2
F^0
20
0
B10
B^10
C5
C^2
F6
F^1
21
0
B9
B^9
C4
C^1
F10
F^2
22
0
B8
B^8
C2
C^0
F12
F^3
23*
0
I
-
I
-
I
-
24
-
TCK
-
TCK
-
TCK
-
25
-
VCC
-
VCC
-
VCC
-
26
-
GND
-
GND
-
GND
-
27*
0
I
-
I
-
I
-
28
0
B7
B^7
D13
D^7
G12
G^3
29
0
B6
B^6
D12
D^6
G10
G^2
30
0
B5
B^5
D10
D^5
G6
G^1
31
0
B4
B^4
D8
D^4
G2
G^0
32
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
33
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
34
0
B3
B^3
D6
D^3
H12
H^3
35
0
B2
B^2
D4
D^2
H10
H^2
36
0
B1
B^1
D2
D^1
H6
H^1
37
0
B0
B^0
D0
D^0
H2
H^0
38
0
CLK1/I
-
CLK1/I
-
CLK1/I
-
39
1
CLK2/I
-
CLK2/I
-
CLK2/I
-
40
-
VCC
-
VCC
-
VCC
-
41
1
C0
C^0
E0
E^0
I2
I^0


Similar Part No. - LC4064C-10TN100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4064C-10T100I LATTICE-LC4064C-10T100I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4064C-10T44I LATTICE-LC4064C-10T44I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4064C-10T48I LATTICE-LC4064C-10T48I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4064C-10TN100I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com