Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q484I Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # LC5512MC-52Q484I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q484I Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button LC5512MC-52Q484I Datasheet HTML 12Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 13Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 14Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 15Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 16Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 17Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 18Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 19Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
16
Figure 15. PLL Block Diagram
Figure 16. Connection of Optional PLL Inputs and Outputs
In order to facilitate the multiply and divide capabilities of the PLL, each PLL has dividers associated with it: M, N
and K. The M divider is used to divide the clock signal, while the N divider is used to multiply the clock signal. The
K divider is only used when a secondary clock output is needed. This divider divides the primary clock output and
feeds to a separate global clock net. The V divider is used to provide lower frequency output clocks, while maintain-
ing a stable, high frequency output from the PLL’s VCO circuit. The PLL also has a delay feature that allows the out-
put clock to be advanced or delayed to improve set-up and clock-to-out times for better performance. For more
information on the PLL, please refer to Lattice technical note number TN1003, Lattice sysCLOCK PLL Usage
Guidelines.
SEC_OUT
CLK_OUT
PLL_LOCK
CLK_IN
PLL_RST
PLL_FBK
Input Clock
(M) Divider
Post-scalar
(V) Divider
VCO
and
Phase
Detector
Programable
Delay
Secondary
Clock
(K) Divider
Feedback
Loop
(N) Divider
Clock Net
Clock Net
PLL_LOCK
To GRP
CLK_OUT
From Macrocell
To GRP
To GRP
PLL_RST
From Macrocell
To GRP
PLL_FBK
From Macrocell
I/O Pin*
I/O Pin*
I/O Pin*
*See pinout table for details


Similar Part No. - LC5512MC-52Q484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com