Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-75FTN256AI Datasheet(PDF) 81 Page - Lattice Semiconductor

Part # LC4256C-75FTN256AI
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-75FTN256AI Datasheet(HTML) 81 Page - Lattice Semiconductor

Back Button LC4256C-75FTN256AI Datasheet HTML 77Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 78Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 79Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 80Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 81Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 82Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 83Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 84Page - Lattice Semiconductor LC4256C-75FTN256AI Datasheet HTML 85Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
81
LC4384B
LC4384B-5FT256I
384
2.5
5
ftBGA
256
192
I
LC4384B-75FT256I
384
2.5
7.5
ftBGA
256
192
I
LC4384B-10FT256I
384
2.5
10
ftBGA
256
192
I
LC4384B-5F256I
1
384
2.5
5
fpBGA
256
192
I
LC4384B-75F256I
1
384
2.5
7.5
fpBGA
256
192
I
LC4384B-10F256I
1
384
2.5
10
fpBGA
256
192
I
LC4384B-5T176I
384
2.5
5
TQFP
176
128
I
LC4384B-75T176I
384
2.5
7.5
TQFP
176
128
I
LC4384B-10T176I
384
2.5
10
TQFP
176
128
I
LC4512B
LC4512B-5FT256I
512
2.5
5
ftBGA
256
208
I
LC4512B-75FT256I
512
2.5
7.5
ftBGA
256
208
I
LC4512B-10FT256I
512
2.5
10
ftBGA
256
208
I
LC4512B-5F256I
1
512
2.5
5
fpBGA
256
208
I
LC4512B-75F256I
1
512
2.5
7.5
fpBGA
256
208
I
LC4512B-10F256I
1
512
2.5
10
fpBGA
256
208
I
LC4512B-5T176I
512
2.5
5
TQFP
176
128
I
LC4512B-75T176I
512
2.5
7.5
TQFP
176
128
I
LC4512B-10T176I
512
2.5
10
TQFP
176
128
I
1. Use ftBGA package. fpBGA package devices have been discontinued via PCN#14A-07.
ispMACH 4000V (3.3V) Commercial Devices
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball Count
I/O
Grade
LC4032V
LC4032V-25T48C
32
3.3
2.5
TQFP
48
32
C
LC4032V-5T48C
32
3.3
5
TQFP
48
32
C
LC4032V-75T48C
32
3.3
7.5
TQFP
48
32
C
LC4032V-25T44C
32
3.3
2.5
TQFP
44
30
C
LC4032V-5T44C
32
3.3
5
TQFP
44
30
C
LC4032V-75T44C
32
3.3
7.5
TQFP
44
30
C
LC4064V
LC4064V-25T100C
64
3.3
2.5
TQFP
100
64
C
LC4064V-5T100C
64
3.3
5
TQFP
100
64
C
LC4064V-75T100C
64
3.3
7.5
TQFP
100
64
C
LC4064V-25T48C
64
3.3
2.5
TQFP
48
32
C
LC4064V-5T48C
64
3.3
5
TQFP
48
32
C
LC4064V-75T48C
64
3.3
7.5
TQFP
48
32
C
LC4064V-25T44C
64
3.3
2.5
TQFP
44
30
C
LC4064V-5T44C
64
3.3
5
TQFP
44
30
C
LC4064V-75T44C
64
3.3
7.5
TQFP
44
30
C
ispMACH 4000B (2.5V) Industrial Devices (Cont.)
Family
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball Count
I/O
Grade


Similar Part No. - LC4256C-75FTN256AI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-75F256AC LATTICE-LC4256C-75F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256AI LATTICE-LC4256C-75F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256BC LATTICE-LC4256C-75F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256BI LATTICE-LC4256C-75F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-75FTN256AI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com