Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-75FN256BI1 Datasheet(PDF) 66 Page - Lattice Semiconductor

Part # LC4256C-75FN256BI1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-75FN256BI1 Datasheet(HTML) 66 Page - Lattice Semiconductor

Back Button LC4256C-75FN256BI1 Datasheet HTML 62Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 63Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 64Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 65Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 66Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 67Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 68Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 69Page - Lattice Semiconductor LC4256C-75FN256BI1 Datasheet HTML 70Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
66
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball ftBGA/fpBGA
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
-
-
----
VCC
-
VCC
-
-
-
GND
-
GND
-
GND
-
GND
-
C3
-
TDI
-
TDI
-
TDI
-
TDI
-
-
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
B1
0
C14
C^7
C14
C^9
C14
C^7
C14
C^7
F5
0
C12
C^6
C12
C^8
C12
C^6
C12
C^6
D3
0
C10
C^5
C10
C^7
C10
C^5
C10
C^5
C1
0
C8
C^4
C9
C^6
C8
C^4
C8
C^4
C2
0
C6
C^3
C8
C^5
C6
C^3
C6
C^3
E3
0
C4
C^2
C6
C^4
C4
C^2
C4
C^2
D2
0
C2
C^1
C4
C^3
C2
C^1
C2
C^1
F6
0
C0
C^0
C2
C^2
C0
C^0
C0
C^0
D1
0
NC
-
C1
C^1
F6
F^3
H0
H^0
E2
0
NC
-
C0
C^0
F4
F^2
H4
H^1
E4
0
NC
-
NC
-
D6
D^3
F4
F^2
G5
0
NC
-
NC
-
D4
D^2
F6
F^3
E1
0
NC
-
NC
-
NC
-
F8
F^4
-
0
-
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
-
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
F2
0
NC
-
NC
-
NC
-
F10
F^5
F1
0
NC
-
NC
-
D2
D^1
F12
F^6
G1
0
NC
-
NC
-
D0
D^0
F14
F^7
G6
0
NC
-
D14
D^9
F2
F^1
H8
H^2
G4
0
NC
-
D12
D^8
F0
F^0
H12
H^3
H6
0
D14
D^7
D10
D^7
E14
E^7
G14
G^7
G3
0
D12
D^6
D9
D^6
E12
E^6
G12
G^6
H5
0
D10
D^5
D8
D^5
E10
E^5
G10
G^5
G2
0
D8
D^4
D6
D^4
E8
E^4
G8
G^4
H1
0
D6
D^3
D4
D^3
E6
E^3
G6
G^3
H2
0
D4
D^2
D2
D^2
E4
E^2
G4
G^2
H3
0
D2
D^1
D1
D^1
E2
E^1
G2
G^1
H4
0
D0
D^0
D0
D^0
E0
E^0
G0
G^0
-
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
-
0
-
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
J4
0
E0
E^0
E0
E^0
H0
H^0
J0
J^0
J3
0
E2
E^1
E1
E^1
H2
H^1
J2
J^1
J2
0
E4
E^2
E2
E^2
H4
H^2
J4
J^2
J1
0
E6
E^3
E4
E^3
H6
H^3
J6
J^3
K1
0
E8
E^4
E6
E^4
H8
H^4
J8
J^4
J5
0
E10
E^5
E8
E^5
H10
H^5
J10
J^5
K2
0
E12
E^6
E9
E^6
H12
H^6
J12
J^6


Similar Part No. - LC4256C-75FN256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-75F256AC LATTICE-LC4256C-75F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256AI LATTICE-LC4256C-75F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256BC LATTICE-LC4256C-75F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-75F256BI LATTICE-LC4256C-75F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-75FN256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com