Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-10FN256BI1 Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # LC4256C-10FN256BI1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-10FN256BI1 Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button LC4256C-10FN256BI1 Datasheet HTML 16Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 17Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 18Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 19Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 20Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 21Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 22Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 23Page - Lattice Semiconductor LC4256C-10FN256BI1 Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
20
I/O DC Electrical Characteristics
Over Recommended Operating Conditions
Standard
VIL
VIH
VOL
Max (V)
VOH
Min (V)
IOL
1
(mA)
IOH
1
(mA)
Min (V)
Max (V)
Min (V)
Max (V)
LVTTL
-0.3
0.80
2.0
5.5
0.40
VCCO - 0.40
8.0
-4.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 3.3
-0.3
0.80
2.0
5.5
0.40
VCCO - 0.40
8.0
-4.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 2.5
-0.3
0.70
1.70
3.6
0.40
VCCO - 0.40
8.0
-4.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 1.8
(4000V/B)
-0.3
0.63
1.17
3.6
0.40
VCCO - 0.45
2.0
-2.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 1.8
(4000C/Z)
-0.3
0.35 * VCC
0.65 * VCC
3.6
0.40
VCCO - 0.45
2.0
-2.0
0.20
VCCO - 0.20
0.1
-0.1
PCI 3.3 (4000V/B)
-0.3
1.08
1.5
5.5
0.1 VCCO
0.9 VCCO
1.5
-0.5
PCI 3.3 (4000C/Z)
-0.3
0.3 * 3.3 * (VCC / 1.8) 0.5 * 3.3 * (VCC / 1.8)
5.5
0.1 VCCO
0.9 VCCO
1.5
-0.5
1. The average DC current drawn by I/Os between adjacent bank GND connections, or between the last GND in an I/O bank and the end of
the I/O bank, as shown in the logic signals connection table, shall not exceed n*8mA. Where n is the number of I/Os between bank GND
connections or between the last GND in a bank and the end of a bank.


Similar Part No. - LC4256C-10FN256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-10F256AI LATTICE-LC4256C-10F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256C-10F256BI LATTICE-LC4256C-10F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-10FN256BI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com