Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384C-75FTN256I Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # LC4384C-75FTN256I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384C-75FTN256I Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button LC4384C-75FTN256I Datasheet HTML 56Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 57Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 58Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 59Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 60Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 61Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 62Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 63Page - Lattice Semiconductor LC4384C-75FTN256I Datasheet HTML 64Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
60
86
1
F12
F^9
L8
L^4
87
1
F13
F^10
L6
L^3
88
1
F14
F^11
L4
L^2
89
1
NC
2
-I
2
-
90
1
GND (Bank 1)
1
-
NC
1
-
91
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
92
1
NC
2
-I
2
-
93
1
G14
G^11
M2
M^1
94
1
G13
G^10
M4
M^2
95
1
G12
G^9
M6
M^3
96
1
G10
G^8
M8
M^4
97
1
G9
G^7
M10
M^5
98
1
G8
G^6
M12
M^6
99
1
GND (Bank 1)
-
GND (Bank 1)
-
100
1
G6
G^5
N2
N^1
101
1
G5
G^4
N4
N^2
102
1
G4
G^3
N6
N^3
103
1
G2
G^2
N8
N^4
104
1
G1
G^1
N10
N^5
105
1
G0
G^0
N12
N^6
106
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
107
-
TDO
-
TDO
-
108
-
VCC
-
VCC
-
109
-
GND
-
GND
-
110
1
NC
2
-I
2
-
111
1
H14
H^11
O12
O^6
112
1
H13
H^10
O10
O^5
113
1
H12
H^9
O8
O^4
114
1
H10
H^8
O6
O^3
115
1
H9
H^7
O4
O^2
116
1
H8
H^6
O2
O^1
117
1
NC
2
-I
2
-
118
1
GND (Bank 1)
-
GND (Bank 1)
-
119
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
120
1
H6
H^5
P12
P^6
121
1
H5
H^4
P10
P^5
122
1
H4
H^3
P8
P^4
123
1
H2
H^2
P6
P^3
124
1
H1
H^1
P4
P^2
125
1
H0/GOE1
H^0
P2/GOE1
P^1
126
1
CLK3/I
-
CLK3/I
-
127
0
GND (Bank 0)
-
GND (Bank 0)
-
128
0
CLK0/I
-
CLK0/I
-
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4384C-75FTN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384C-75F256C LATTICE-LC4384C-75F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384C-75F256I LATTICE-LC4384C-75F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384C-75FTN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com