Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384C-5FN256I1 Datasheet(PDF) 42 Page - Lattice Semiconductor

Part # LC4384C-5FN256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384C-5FN256I1 Datasheet(HTML) 42 Page - Lattice Semiconductor

Back Button LC4384C-5FN256I1 Datasheet HTML 38Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 39Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 40Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 41Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 42Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 43Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 44Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 45Page - Lattice Semiconductor LC4384C-5FN256I1 Datasheet HTML 46Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
42
Signal Descriptions
ispMACH 4000V/B/C ORP Reference Table
ispMACH 4000Z ORP Reference Table
Signal Names
Description
TMS
Input – This pin is the IEEE 1149.1 Test Mode Select input, which is used to control
the state machine.
TCK
Input – This pin is the IEEE 1149.1 Test Clock input pin, used to clock through the
state machine.
TDI
Input – This pin is the IEEE 1149.1 Test Data In pin, used to load data.
TDO
Output – This pin is the IEEE 1149.1 Test Data Out pin used to shift data out.
GOE0/IO, GOE1/IO
These pins are configured to be either Global Output Enable Input or as general I/O
pins.
GND
Ground
NC
Not Connected
VCC
The power supply pins for logic core and JTAG port.
CLK0/I, CLK1/I, CLK2/I, CLK3/I
These pins are configured to be either CLK input or as an input.
VCCO0, VCCO1
The power supply pins for each I/O bank.
yzz
Input/Output
1 – These are the general purpose I/O used by the logic array. y is GLB
reference (alpha) and z is macrocell reference (numeric). z: 0-15.
ispMACH 4032
y: A-B
ispMACH 4064
y: A-D
ispMACH 4128
y: A-H
ispMACH 4256
y: A-P
ispMACH 4384
y: A-P, AX-HX
ispMACH 4512
y: A-P, AX-PX
1. In some packages, certain I/Os are only available for use as inputs. See the signal connections table for details.
4032V/B/C
4064V/B/C
4128V/B/C
4256V/B/C
4384V/B/C
4512V/B/C
Number of I/Os
30
1
32
30
2
32
64
64
92
3
96
64
96
4
128
160
128
192
128
208
Number of GLBs
2
2
4
4
4
8
8
8
16
16
16
16
16
16
16
16
Number of I/Os /
GLB
16
16
8
8
16
8
12
12
4
8
8
10
8
8
8
Mixture
of 8 & 4
5
Reference ORP
Table
16 I/Os /
GLB
8 I/Os /
GLB
16 I/Os /
GLB
8 I/Os /
GLB
12 I/Os /
GLB
4 I/Os /
GLB
8 I/Os /
GLB
8 I/Os /
GLB
10 I/Os /
GLB
8 I/Os /
GLB
8 I/Os /
GLB
8 I/Os /
GLB
4 I/Os /
GLB
1. 32-macrocell device, 44 TQFP: 2 GLBs have 15 out of 16 I/Os bonded out.
2. 64-macrocells device, 44 TQFP: 2 GLBs have 7 out of 8 I/Os bonded out.
3. 128-macrocell device, 128 TQFP: 4 GLBs have 11 out of 12 I/Os
4. 256-macrocell device, 144 TQFP: 16 GLBs have 6 I/Os per
5. 512-macrocell device: 20 GLBs have 8 I/Os per, 12 GLBs have 4 I/Os per
4032Z
4064Z
4128Z
4256Z
Number of I/Os
32
32
64
64
96
64
96
1
128
Number of GLBs
24488
16
16
16
Number of I/Os / GLB
16
8
16
8
12
4
8
8
Reference ORP Table
16 I/Os /
GLB
8 I/Os /
GLB
16 I/Os /
GLB
8 I/Os /
GLB
12 I/Os /
GLB
4 I/Os /
GLB
8 I/Os /
GLB
8 I/Os /
GLB
1. 256-macrocell device, 132 csBGA: 16 GLBs have 6 I/Os per


Similar Part No. - LC4384C-5FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384C-5F256C LATTICE-LC4384C-5F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384C-5F256I LATTICE-LC4384C-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384C-5FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com