Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14050P2-101C-RC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 14050P2-101C-RC
Description  Class II Ceramic Disc Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

14050P2-101C-RC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  14050P2-101C-RC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XICON PASSIVE COMPONENTS • (800) 628-0544
Class II Ceramic Disc Capacitors (RoHS Compliant) CDR Series
XC-600140
Date Revised: 7/17/06
Temp. Coeff.
Code
Y5P
Z5U
Z5V
P
Z
Q
Lead Space
Code
2.5mm
5.0mm
9.5mm
2
5
9
Tolerance
Code
±0.25pF
±5%
±10%
C
J
K
Tolerance
Code
±20%
±0.5pF
+80/-20%
M
D
Z
Operating Temperature Range
Capacitance Tolerance (min.)
Working Voltage (WVDC)
Insulation Resistance
Test Voltage
Life Test
Humidity Test
CHARACTERISTICS
Item
-25°C ~ +85°C
Within the tolerance at 1MHz, 1~3Vrms, 25°C
50WV, 100WV, or 500WV
10,000MΩ min. or 200MΩμF, whichever is less
2.5 x WVDC
At 2 x WVDC @85°C for 1000 hours @ 85°C, capacitors shall meet the following: the capacitance change for
Y5P will be ±10%; Z5U will be ±20%; Z5V will be ±30%: the dissipation factor for Y5P and Z5U will be ≤50x10-3;
Z5V will be ≤75x10-3.
At exposure in the ambient temperature of 40°C, and at 95% RH for 500 hours: the capacitance change for Y5P will
be ±10%; Z5U will be ±20%; Z5V will be ±30%: the dissipation factor for Y5P and Z5U will be ≤50x10-3; Z5V will be
≤75x10-3.
Characteristics
FEATURES
• Large capacitance in small sizes
• Non linear temperature coefficient of capacitance.
PART NUMBERING SYSTEM
5
Voltage
Actual Value
4
0
Series
1
0
1
Capacitance (pF)
-
R
C
Suffix
(RoHSCompliant)
P
Temp.
Coeff.
2-
Lead
Space
K
Tolerance
1
TEMPERATURE COEFFICIENT CHARACTERISTICS
Temperature Coefficient
Operating Temp. Range
Capacitance Change
Y5P
-25°C ~ +85°C
±10%
Z5U
+10°C ~ +85°C
+20%, -55%
Z5V
+10°C ~ +85°C
+30%, -80%
1st
digit
2nd
digit
#
ø's
0
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 14050P2-101C-RC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
14050 FESTO-14050 Datasheet
87Kb / 1P
   Flat cylinder
logo
PHOENIX CONTACT
1405015 PHOENIX-1405015 Datasheet
106Kb / 8P
   Feed-through terminal block - MBK-LOE
1405057 PHOENIX-1405057 Datasheet
62Kb / 3P
   Control cabinet feed-through - VS-BH-M12FS-8CON-RJ45/90
1405060 PHOENIX-1405060 Datasheet
63Kb / 3P
   Control cabinet feed-through - VS-BH-M12FS-8CONRJ45/180
1405086 PHOENIX-1405086 Datasheet
44Kb / 2P
   USB memory stick, IP20, memory capacity 2 GB, USB 2.0, designed to connect through the panel mounting frame VS-A-F-IP67 on the VARIOSUB-USB socket inserts
More results

Similar Description - 14050P2-101C-RC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
AVX Corporation
5NR102KADLH AVX-5NR102KADLH Datasheet
161Kb / 9P
   Disc Ceramic Capacitors Professional Ceramic Capacitors - Class I, II and III
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
   Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com