Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52F672I Datasheet(PDF) 71 Page - Lattice Semiconductor

Part # LC5512MC-52F672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52F672I Datasheet(HTML) 71 Page - Lattice Semiconductor

Back Button LC5512MC-52F672I Datasheet HTML 67Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 68Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 69Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 70Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 71Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 72Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 73Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 74Page - Lattice Semiconductor LC5512MC-52F672I Datasheet HTML 75Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
71
3
76P
L30/PLL_FBK1
L0
J0
L31
F15
E21
3
77N
M0/PLL_RST1
P27
N27
M1
H12
G22
3
77P
M2
P26
N26
M3
G14
F21
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
78N
M4
P25
N25
M5
F16
H21
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
78P
M6
P24
N24
-
E16
G21
-
-
GND
-
-
-
GND
GND
3
79N
M8
P23
N23
M9
G13
D22
3
79P
M10
P22
N22
M11
G12
D21
3
80N
M12
P21
N21
M13
F14
J20
3
80P
M14/CLK_OUT1
P20
N20
M15
E15
J19
3
81N
M16
N31
-
M17
F12
E20
-
-
VCC
-
-
-
VCC
VCC
3
81P
M18
N30
M30
M19
F13
F20
3
82N
M20
N29
M28
M21
D16
H17
3
82P
M22
N28
M26
M23
D15
H18
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
83N
M24
N27
-
M25
J18
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
83P
M26
N26
-
M27
H19
3
84N
M28
N25
-
M29
G20
3
84P
M30
N24
-
M31
G19
-
-
GND
-
-
-
GND
GND
3
85N
N0
N23
-
N1
C22
-
-
VCC
-
-
-
VCC
VCC
3
85P
N2
N22
-
N3
C21
3
86N
N4
N21
-
-
D20
3
86P
N6
N20
-
-
C19
3
87N
N8
N19
-
N9
C16
F19
3
87P
N10
N18
-
N11
B16
E19
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
88N
N12
N17
-
N13
C15
G18
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
88P
N14
N16
-
N15
B15
F18
3
89N
N16
N15
-
N17
E14
B20
3
89P
N18
N14
-
N19
D14
B19
3
90N
N20
N13
-
N21
E13
A20
3
90P
N22
N12
-
N23
A15
A19
3
91N
N24
P19
N19
N25
D12
D18
3
91P
N26
P18
N18
N27
B14
C18
3
92N
N28
P17
N17
N29
C13
G17
3
92P
N30
P16
N16
N31
A14
F16
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52F672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52F672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com