Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5256MC-4FN672I Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # LC5256MC-4FN672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MC-4FN672I Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LC5256MC-4FN672I Datasheet HTML 5Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 6Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 7Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 8Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 9Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 10Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 11Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 12Page - Lattice Semiconductor LC5256MC-4FN672I Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
9
Table 4. MFB Memory Configuration
Input and Output
The data input and control signals to a MFB in memory mode are generated from inputs from the routing. Data sig-
nals are only available in the true non-inverted format. True or complemented versions of the inputs are available
for generating the control signals. Data and flag outputs are fed from the MFB to the GRP and OSA. Unused inputs
and outputs are not accessible in memory mode.
ROM Operation
In each of the memory modes it is possible to specify the power-on state of each bit in the memory array. This
allows the memory to be used as ROM if desired.
Increased Depth And Width
Designs that require a memory depth or width that is greater than that support by a single MFB can be supported
by cascading multiple blocks. For dual port, single port, and pseudo dual port modes additional width is easily pro-
vided by sharing address lines. Additional depth is supported by multiplexing the RAM output. For FIFO and CAM
modes additional width is supported through the cascading of MFBs.
The Lattice design tools automatically combine blocks to support the memory size specified in the user’s design.
Bus Size Matching
All of the memory modes apart from CAM mode support different widths on each of the ports. The RAM bits are
mapped LSB word 0 to MSB word 0, LSB word 1 to MSB word 1 and so on. Although the word size and number of
words for each port varies this mapping scheme applies to each port.
Memory Mode
Max. Configuration
Size
1
Dual-port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 8
512 x 16
Single-port, Pseudo Dual Port, FIFO
16,384 x1
8,192 x 2
4,096 x 4
2,048 x 8
1,024 x 16
512 x 32
CAM
128 x 48
1. Smaller configurations are possible.


Similar Part No. - LC5256MC-4FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5256MC-4FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com