Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LC4384B-35FTN256C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part No. LC4384B-35FTN256C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 2 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
2
Table 2. ispMACH 4000Z Family Selection Guide
ispMACH 4000 Introduction
The high performance ispMACH 4000 family from Lattice offers a SuperFAST CPLD solution. The family is a blend
of Lattice’s two most popular architectures: the ispLSI
® 2000 and ispMACH 4A. Retaining the best of both families,
the ispMACH 4000 architecture focuses on significant innovations to combine the highest performance with low
power in a flexible CPLD family.
The ispMACH 4000 combines high speed and low power with the flexibility needed for ease of design. With its
robust Global Routing Pool and Output Routing Pool, this family delivers excellent First-Time-Fit, timing predictabil-
ity, routing, pin-out retention and density migration.
The ispMACH 4000 family offers densities ranging from 32 to 512 macrocells. There are multiple density-I/O com-
binations in Thin Quad Flat Pack (TQFP), Chip Scale BGA (csBGA) and Fine Pitch Thin BGA (ftBGA) packages
ranging from 44 to 256 pins/balls. Table 1 shows the macrocell, package and I/O options, along with other key
parameters.
The ispMACH 4000 family has enhanced system integration capabilities. It supports 3.3V (4000V), 2.5V (4000B)
and 1.8V (4000C/Z) supply voltages and 3.3V, 2.5V and 1.8V interface voltages. Additionally, inputs can be safely
driven up to 5.5V when an I/O bank is configured for 3.3V operation, making this family 5V tolerant. The ispMACH
4000 also offers enhanced I/O features such as slew rate control, PCI compatibility, bus-keeper latches, pull-up
resistors, pull-down resistors, open drain outputs and hot socketing. The ispMACH 4000 family members are 3.3V/
2.5V/1.8V in-system programmable through the IEEE Standard 1532 interface. IEEE Standard 1149.1 boundary
scan testing capability also allows product testing on automated test equipment. The 1532 interface signals TCK,
TMS, TDI and TDO are referenced to VCC (logic core).
Overview
The ispMACH 4000 devices consist of multiple 36-input, 16-macrocell Generic Logic Blocks (GLBs) interconnected
by a Global Routing Pool (GRP). Output Routing Pools (ORPs) connect the GLBs to the I/O Blocks (IOBs), which
contain multiple I/O cells. This architecture is shown in Figure 1.
ispMACH 4032ZC
ispMACH 4064ZC
ispMACH 4128ZC
ispMACH 4256ZC
Macrocells
32
64
128
256
I/O + Dedicated Inputs
32+4/32+4
32+4/32+12/
64+10/64+10
64+10/96+4
64+10/96+6/
128+4
tPD (ns)
3.5
3.7
4.2
4.5
tS (ns)
2.2
2.5
2.7
2.9
tCO (ns)
3.0
3.2
3.5
3.8
fMAX (MHz)
267
250
220
200
Supply Voltage (V)
1.8
1.8
1.8
1.8
Max. Standby Icc (µA)
20
25
35
55
Pins/Package
48 TQFP
56 csBGA
48 TQFP
56 csBGA
100 TQFP
132 csBGA
100 TQFP
132csBGA
100 TQFP
132 csBGA
176 TQFP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFAST™ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl