Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5768MB-4FN672I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LC5768MB-4FN672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5768MB-4FN672I Datasheet(HTML) 4 Page - Lattice Semiconductor

  LC5768MB-4FN672I Datasheet HTML 1Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 2Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 3Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 4Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 5Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 6Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 7Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 8Page - Lattice Semiconductor LC5768MB-4FN672I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
4
Cascading For Wide Operation
In several modes it is possible to cascade adjacent MFBs to support wider operation. Table 2 details the different
cascading options. There are chains of MFBs in each device which determine those MFBs that are adjacent for the
purposes of cascading. Table 3 indicates these chains. The ispXPLD 5000MX design tools automatically cascade
blocks if required by a particular design.
Table 2. Cascading Modes For Wide Support
Table 3. MFB Cascade Chain
SuperWIDE Logic Mode
In logic mode, each MFB contains 32 macrocells and a fully populated, programmable AND-array with 160 logic
product terms and four control product terms. The MFB has 68 inputs from the Global Routing Pool, which are
available in both true and complement form for every product term. It is also possible to cascade adjacent MFBs to
create a block with 136 inputs. The four control product terms are used for shared reset, clock, clock enable, and
output enable functions. Figure 3 shows the overall structure of the MFB in logic mode while Figure 4 provides a
more detailed view from the perspective of a macrocell slice.
Mode
Cascading Function
Logic
Input Width. Allows two MFBs to act as a 136-input block.
Arithmetic. Allow the carry chain to pass between two MFBs.
FIFO
Memory Width Expansion. Allows MFBs to be cascaded for greater width support.
CAM
Memory Width Expansion. Allows up to four MFBs to be cascaded for greater width support.
Device
MFBs in Cascade Chain
ispXPLD 5256MX
A → B → C → D
H -> G -> F -> E
ispXPLD 5512MX
A → B → C → D → E → F → G → H
P → Ο → N → M → L → K → J → I
ispXPLD 5768MX
D → C → B → A → X → W → V → U → T → S → R → Q
E → F → G → H → I → J → K → L → M → N → O → P
ispXPLD 51024MX
H → G → F → E → D → C → B → A → AF → AE → AD → AC → AB → AA → Z → Y
I → J → K → L → M → N → O → P → Q → R → S → T → U → V → W → X


Similar Part No. - LC5768MB-4FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5768MC-5F256C LATTICE-LC5768MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5768MC-5F484C LATTICE-LC5768MC-5F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5768MC-75F256C LATTICE-LC5768MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5768MC-75F484C LATTICE-LC5768MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5768MB-4FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com