Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6206P372LB Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6206P372LB
Description  Low ESR Cap.Compatible Positive Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6206P372LB Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6206P372LB Datasheet HTML 1Page - Torex Semiconductor XC6206P372LB Datasheet HTML 2Page - Torex Semiconductor XC6206P372LB Datasheet HTML 3Page - Torex Semiconductor XC6206P372LB Datasheet HTML 4Page - Torex Semiconductor XC6206P372LB Datasheet HTML 5Page - Torex Semiconductor XC6206P372LB Datasheet HTML 6Page - Torex Semiconductor XC6206P372LB Datasheet HTML 7Page - Torex Semiconductor XC6206P372LB Datasheet HTML 8Page - Torex Semiconductor XC6206P372LB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
XC6206 Series
PIN NUMBER
SOT-23
SOT-89/TO-92 (T)
USP-6B
TO-92 (L)
PIN NAME
FUNCTIONS
1
1
2
2
VSS
Ground
3
2
4
1
VIN
Power Input
2
3
6
3
VOUT
Output
-
-
1, 3, 5
-
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①②
Output Voltage
12~50
: e.g. VOUT: 3.0V
→①=3, ②=0
2
: Within + 2% (within +30mV when VOUT<1.5V)
Accuracy
1 *
: Within +1%
M
: SOT-23
P
: SOT-89
D
: USP-6B
T
: TO-92 (T type)
Packages
L
: TO-92 (L type) (Discontinued Product)
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Page type (TO-92)
Device Orientation
B
: Bag (TO-92)
* +1% accuracy can be set at VOUT(T) > 2.0V.
●Ordering Information
XC6206P
①②③④⑤
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended
mount pattern
and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the pin number 4 (VIN).
(TOP VIEW)
2/17


Similar Part No. - XC6206P372LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P301DR TOREX-XC6206P301DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301LB TOREX-XC6206P301LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301LH TOREX-XC6206P301LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301MR TOREX-XC6206P301MR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P301PR TOREX-XC6206P301PR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

Similar Description - XC6206P372LB

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com