Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN672I Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # LC5512MV-45FN672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN672I Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button LC5512MV-45FN672I Datasheet HTML 61Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 62Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 63Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 64Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 65Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 66Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 67Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 68Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
65
0
143N
U22
U27
W27
U23
K6
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
143P
U20
U26
W26
U21
K3
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
144N
U18
U25
W25
U19
K5
0
144P
U16
U24
W24
U17
K2
0
145N
U14
U23
W23
U15
L5
0
145P
U12
U22
W22
U13
K1
0
146N
U10
U21
W21
U11
L6
0
146P
U8
U20
W20
U9
L1
0
147N
U6
U19
W19
U7
M5
0
147P
U4
U18
W18
U5
L2
0
148N
U2
U17
W17
U3
N5
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
148P
U0
U16
W16
U1
L3
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
149N
W30
U15
W15
W31
M6
0
149P
W28
U14
W14
W29
M2
0
150N
W26
U13
W13
W27
P5
-
-
VCC
-
-
-
VCC
VCC
0
150P
W24
U12
W12
W25
P6
0
151N
W22
U11
W11
W23
M3
0
151P
W20
U10
W10
W21
N6
0
152N
W18
U9
W9
W19
N2
0
152P
W16
U8
W8
W17
P1
-
-
GND
-
-
-
GND
GND
0
153N
W14
U7
W7
W15
N3
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
153P
W12
U6
W6
W13
M8
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
154N
W10
U5
W5
W11
N8
0
154P
W8
U4
W4
-
P2
0
155N
W6
U3
W3
W7
P8
0
155P
W4
U2
W2
W5
N4
0
156N
W2
U1
W1
W3
G2
H1
0
156P
W0
U0
W0
W1
H1
J1
-
GCLK0P
GCLK0
-
-
-
H2
N7
-
-
VCCJ
-
-
-
See Power Supply and
NC Connections Table
-
GCLK0N
GCLK1
-
-
-
J2
P7
-
-
GND
-
-
-
GND
GND
-
-
TDI
-
-
-
H6
R1
-
-
TMS
-
-
-
H4
R2
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MV-45FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com