Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS434.0W02-TE Datasheet(PDF) 3 Page - Abracon Corporation

Part # AFS434.0W02-TE
Description  SURFACE MOUNT 434.0 MHz SAW FILTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS434.0W02-TE Datasheet(HTML) 3 Page - Abracon Corporation

  AFS434.0W02-TE Datasheet HTML 1Page - Abracon Corporation AFS434.0W02-TE Datasheet HTML 2Page - Abracon Corporation AFS434.0W02-TE Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURFACE MOUNT 434.0 MHz SAW FILTER
|||||||||||||||
AFS434.0W02-TE
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.9.08
Visit www.abracon.com for Terms & Conditions of Sale
5.0 x 5.0 x 1.0 mm
Dimensions: mm
Tape Dimension
Reel Dimension
T APE
RUNNI N G
DI RE CT I O N
TAPE & REEL: Tape and reel 1,000pcs/reel


Similar Part No. - AFS434.0W02-TE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS434.0W02-TD01 ABRACON-AFS434.0W02-TD01 Datasheet
97Kb / 1P
   SMD 434.00 MHz SAW FILTER
11.15.06
More results

Similar Description - AFS434.0W02-TE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS14A34-1588.66-T2 ABRACON-AFS14A34-1588.66-T2 Datasheet
2Mb / 4P
   Surface Mount 1588.66 MHz SAW Filter
06.21.12
AFS14A35-1591.5-T2 ABRACON-AFS14A35-1591.5-T2 Datasheet
2Mb / 4P
   Surface Mount 1591.5 MHz SAW Filter
06.21.12
AFS121.6W01-SS97 ABRACON-AFS121.6W01-SS97 Datasheet
150Kb / 2P
   SURFACE MOUNT 121.6 MHz SAW FILTER
1.14.08
AFS14A35-1591.5-T3 ABRACON-AFS14A35-1591.5-T3 Datasheet
1Mb / 4P
   Surface Mount 1591.5 MHz SAW Filter
01.22.13
AFS406.1W01-TS31 ABRACON-AFS406.1W01-TS31 Datasheet
199Kb / 3P
   SURFACE MOUNT 406.1 MHz SAW FILTER
1.14.08
AFS14A34-1588.66-T3 ABRACON-AFS14A34-1588.66-T3 Datasheet
2Mb / 4P
   Surface Mount 1588.66 MHz SAW Filter
04.16.13
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS20A20-1910.00-T3 ABRACON-AFS20A20-1910.00-T3 Datasheet
2Mb / 4P
   Surface Mount 1910.00MHz SAW Filter
04.16.13
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
   Surface Mount 2017.50MHz SAW Filter
07.23.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com