Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCMXO640LUTSC-5T144I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LCMXO640LUTSC-5T144I
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO640LUTSC-5T144I Datasheet(HTML) 4 Page - Lattice Semiconductor

  LCMXO640LUTSC-5T144I Datasheet HTML 1Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 2Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 3Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 4Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 5Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 6Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 7Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 8Page - Lattice Semiconductor LCMXO640LUTSC-5T144I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
February 2007
Data Sheet DS1002
© 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
2-1
DS1002 Architecture_01.4
Architecture Overview
The MachXO family architecture contains an array of logic blocks surrounded by Programmable I/O (PIO). Some
devices in this family have sysCLOCK PLLs and blocks of sysMEM™ Embedded Block RAM (EBRs). Figures 2-1,
2-2, and 2-3 show the block diagrams of the various family members.
The logic blocks are arranged in a two-dimensional grid with rows and columns. The EBR blocks are arranged in a
column to the left of the logic array. The PIO cells are located at the periphery of the device, arranged into Banks.
The PIOs utilize a flexible I/O buffer referred to as a sysIO interface that supports operation with a variety of inter-
face standards. The blocks are connected with many vertical and horizontal routing channel resources. The place
and route software tool automatically allocates these routing resources.
There are two kinds of logic blocks, the Programmable Functional Unit (PFU) and the Programmable Functional
unit without RAM (PFF). The PFU contains the building blocks for logic, arithmetic, RAM, ROM, and register func-
tions. The PFF block contains building blocks for logic, arithmetic, ROM, and register functions. Both the PFU and
PFF blocks are optimized for flexibility, allowing complex designs to be implemented quickly and effectively. Logic
blocks are arranged in a two-dimensional array. Only one type of block is used per row.
In the MachXO family, the number of sysIO Banks varies by device. There are different types of I/O Buffers on dif-
ferent Banks. See the details in later sections of this document. The sysMEM EBRs are large, dedicated fast mem-
ory blocks; these blocks are found only in the larger devices. These blocks can be configured as RAM, ROM or
FIFO. FIFO support includes dedicated FIFO pointer and flag “hard” control logic to minimize LUT use.
The MachXO architecture provides up to two sysCLOCK™ Phase Locked Loop (PLL) blocks on larger devices.
These blocks are located at either end of the memory blocks. The PLLs have multiply, divide, and phase shifting
capabilities that are used to manage the frequency and phase relationships of the clocks.
Every device in the family has a JTAG Port that supports programming and configuration of the device as well as
access to the user logic. The MachXO devices are available for operation from 3.3V, 2.5V, 1.8V, and 1.2V power
supplies, providing easy integration into the overall system.
MachXO Family Data Sheet
Architecture


Similar Part No. - LCMXO640LUTSC-5T144I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO640LUTSC-5T144I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com