Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164K61BCT Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC2164K61BCT
Description  ICs for use with Crystal Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164K61BCT Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC2164K61BCT Datasheet HTML 4Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 5Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 6Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 7Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 8Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 9Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 10Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 11Page - Torex Semiconductor XC2164K61BCT Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
XC2164 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CMOS: CL=15pF, 0.1VDD
→0.9VDD
-
1.5
-
ns
Output Rise Time
(*1)
tr
TTL: Load=10TTL, 0.4V
→2.4V
-
1.5
-
ns
CMOS: CL=15pF, 0.9VDD
→0.1VDD
-
1.5
-
ns
Output Fall Time
(*1)
tf
TTL: Load=10TTL, 2.4V
→0.4V
-
1.5
-
ns
CMOS: CL=15pF @ 0.5VDD
45
-
55
%
Output Duty Cycle
DUTY
TTL: Load=10TTL @ 1.4V
45
-
55
%
Output Disable Delay Time
(*1)
tplz
f0=4MHz, CL=15pF
-
-
100
ns
Output Enable Delay Time
(*1)
tplz
f0=4MHz, CL=15pF
-
-
6
ms
Oscillation Start Time
(*1)
tosc_on
f0=4MHz, CL=15pF
-
-
6
ms
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CMOS: CL=15pF, 0.1VDD
→0.9VDD
-
1.5
-
ns
Output Rise Time
(*1)
tr
TTL: Load=10TTL, 0.4V
→2.4V
-
1.5
-
ns
CMOS: CL=15pF, 0.9VDD
→0.1VDD
-
1.5
-
ns
Output Fall Time
(*1)
tf
TTL: Load=10TTL, 2.4V
→0.4V
-
1.5
-
ns
CMOS: CL=15pF @ 0.5VDD
45
-
55
%
Output Duty Cycle
DUTY
TTL: Load=10TTL @ 1.4V
45
-
55
%
Output Disable Delay Time
(*1)
tplz
f0=20MHz, CL=15pF
-
-
100
ns
Output Enable Delay Time
(*1)
tplz
f0=20MHz, CL=15pF
-
-
6
ms
Oscillation Start Time
(*1)
tosc_on
f0=20MHz, CL=15pF
-
-
6
ms
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CMOS: CL=15pF, 0.1VDD
→0.9VDD
-
1.5
-
ns
Output Rise Time
(*1)
tr
TTL: Load=10TTL, 0.4V
→2.4V
-
1.5
-
ns
CMOS: CL=15pF, 0.9VDD
→0.1VDD
-
1.5
-
ns
Output Fall Time
(*1)
tf
TTL: Load=10TTL, 2.4V
→0.4V
-
1.5
-
ns
CMOS: CL=15pF @ 0.5VDD
45
-
55
%
Output Duty Cycle
DUTY
TTL: Load=10TTL @ 1.4V
45
-
55
%
Output Disable Delay Time
(*1)
tplz
f0=4MHz, CL=15pF
-
-
100
ns
Output Enable Delay Time
(*1)
tplz
f0=4MHz, CL=15pF
-
-
10
μs
Oscillation Start Time
(*1)
tosc_on
f0=4MHz, CL=15pF
-
-
6
ms
*1: the values are the designed values.
XC2164Ax1M, T, V (Fundamental) <Chip Enable>
(unless otherwise stated, VDD=3.3V or 5.0V, Ta= -30~+80
℃)
■SWITCHING CHARACTERISTICS
*1: the values are the designed values.
XC2164Ax1A to L (3rd Overtone) <Chip Enable>
(unless otherwise stated, VDD=3.3V or 5.0V, Ta= -30~+80
℃)
*1: the values are the designed values.
XC2164Kx1M, T, V (Fundamental) <Output Enable>
(unless otherwise stated, VDD=3.3V or 5.0V, Ta= -30~+80
℃)
* The values shown are preliminary so that the values may be changed without a prior announcement.


Similar Part No. - XC2164K61BCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164K51 TOREX-XC2164K51 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2164K51T TOREX-XC2164K51T Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164K51V TOREX-XC2164K51V Datasheet
380Kb / 11P
   CMOS Low Power Consumption
More results

Similar Description - XC2164K61BCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com