Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256B-10FTN256AI Datasheet(PDF) 99 Page - Lattice Semiconductor

Part # LC4256B-10FTN256AI
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-10FTN256AI Datasheet(HTML) 99 Page - Lattice Semiconductor

Back Button LC4256B-10FTN256AI Datasheet HTML 91Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 92Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 93Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 94Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 95Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 96Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 97Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 98Page - Lattice Semiconductor LC4256B-10FTN256AI Datasheet HTML 99Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 99 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
99
Added new feature - ispMACH 4000Z supports operation down to 1.6V.
Added lead-free packaging ordering part numbers for the ispMACH 4000Z/C/V devices.
April 2004
21z
Updated IPU (I/O Weak Pull-up Resistor Current) max. specification for the ispMACH 4000V/B/C;
-150µA to -200µA.
November 2004
22z
Added User Electronic Signature section.
Added ispMACH 4000B (2.5V) Lead-Free Ordering Part Numbers.
December 2004
22z.1
Updated Further Information section.
February 2006
22z.2
Clarification to ispMACH 4000Z Input Leakage (IIH) specification.
March 2007
22.3
Updated ispMACH 4000 Introduction section.
Updated Signal Descriptions table.
June 2007
22.4
Updated Features bullets to include reference to “LA” automotive data sheet under the “Broad
Device Offering” bullet.
Added footnote 1 to Part Number Description to reference the “LA” automotive data sheet.
Changed device temperature references from ‘Automotive’ to “Extended Temperature” for non-
AEC-Q100 qualified devices.
November 2007
23.0
Added 256-ftBGA package Ordering Part Number information per PCN#14A-07.
Date
Version
Change Summary


Similar Part No. - LC4256B-10FTN256AI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256B-10F256AI LATTICE-LC4256B-10F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-10F256BI LATTICE-LC4256B-10F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256B-10FTN256AI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com