Electronic Components Datasheet Search |
|
LC5512MC-75FN672I Datasheet(PDF) 61 Page - Lattice Semiconductor |
|
LC5512MC-75FN672I Datasheet(HTML) 61 Page - Lattice Semiconductor |
61 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 61 3 61N I14 I23 K23 I15 149 G13 D22 3 61P I12 I22 K22 I13 150 G12 D21 3 62N I10 I21 K21 I11 151 F14 J20 3 62P I8/CLK_OUT1 I20 K20 I9 152 E15 J19 3 63N I6 K31 — I7 — F12 E20 —— VCC — — — 153 VCC VCC 3 63P I4 K30 L30 I5 — F13 F20 3 64N I2 K29 L28 I3 — D16 H17 3 64P I0 K28 L26 I1 — D15 H18 — — GND (Bank 3) — — — — GND (Bank 3) GND (Bank 3) 3 65N J30 K27 — J31 — — J18 —— VCCO3 —— — — VCCO3 VCCO3 3 65P J28 K26 — J29 — — H19 3 66N J26 K25 — J27 — — G20 3 66P J24 K24 — J25 — — G19 3 67N J22 K23 — J23 — — C22 3 67P J20 K22 — J21 — — C21 3 68N J18 K21 — J19 — — D20 3 68P J16 K20 — J17 — — C19 3 69N J14 K19 — J15 — C16 F19 3 69P J12 K18 — J13 — B16 E19 — — GND (Bank 3) — — — — GND (Bank 3) GND (Bank 3) 3 70N J10 K17 — J11 — C15 G18 —— VCCO3 —— — — VCCO3 VCCO3 3 70P J8 K16 — J9 — B15 F18 3 71N J6 K15 — J7 — E14 B20 3 71P J4 K14 — J5 — D14 B19 3 72N J2 K13 — J3 — E13 A20 3 72P J0 K12 — J1 — A15 A19 3 73N K30 I19 K19 K31 154 D12 D18 3 73P K28 I18 K18 K29 155 B14 C18 3 74N K26 I17 K17 K27 156 C13 G17 3 74P K24 I16 K16 K25 157 A14 F16 3 75N K22 I31 K31 K23 158 A13 E17 3 75P K21 I30 K30 — 159 B13 D17 — — GND (Bank 3) — — — 160 GND (Bank 3) GND (Bank 3) 3 76N K20 K11 L21 — — D11 B18 —— VCCO3 — — — 161 VCCO3 VCCO3 3 76P K18 K10 L20 K19 — B12 A18 3 77N K16 K9 L18 K17 — C12 C17 3 77P K14 K8 L16 K15 — E11 B17 3 78N K12 K7 L12 K13 — — C16 3 78P K10 K6 L10 K11 — — B16 ispXPLD 5512MX Logic Signal Connections (Continued) sysIO Bank LVDS Pair Primary Macrocell/ Function Alternate Outputs Alternate Input 208 PQFP Pin Number 256 fpBGA Ball Number 484 fpBGA Ball Number Macrocell 1 Macrocell 2 |
Similar Part No. - LC5512MC-75FN672I |
|
Similar Description - LC5512MC-75FN672I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |