Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384B-75FN256I1 Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LC4384B-75FN256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-75FN256I1 Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LC4384B-75FN256I1 Datasheet HTML 35Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 36Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 37Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 38Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 39Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 40Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 41Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 42Page - Lattice Semiconductor LC4384B-75FN256I1 Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
39
Boundary Scan Waveforms and Timing Specifications
Symbol
Parameter
Min.
Max.
Units
tBTCP
TCK [BSCAN test] clock cycle
40
ns
tBTCH
TCK [BSCAN test] pulse width high
20
ns
tBTCL
TCK [BSCAN test] pulse width low
20
ns
tBTSU
TCK [BSCAN test] setup time
8
ns
tBTH
TCK [BSCAN test] hold time
10
ns
tBRF
TCK [BSCAN test] rise and fall time
50
mV/ns
tBTCO
TAP controller falling edge of clock to valid output
10
ns
tBTOZ
TAP controller falling edge of clock to data output disable
10
ns
tBTVO
TAP controller falling edge of clock to data output enable
10
ns
tBTCPSU
BSCAN test Capture register setup time
8
ns
tBTCPH
BSCAN test Capture register hold time
10
ns
tBTUCO
BSCAN test Update reg, falling edge of clock to valid output
25
ns
tBTUOZ
BSCAN test Update reg, falling edge of clock to output disable
25
ns
tBTUOV
BSCAN test Update reg, falling edge of clock to output enable
25
ns


Similar Part No. - LC4384B-75FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-75F256C LATTICE-LC4384B-75F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4384B-75F256I LATTICE-LC4384B-75F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384B-75FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com