Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512B-5FN256I1 Datasheet(PDF) 51 Page - Lattice Semiconductor

Part # LC4512B-5FN256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512B-5FN256I1 Datasheet(HTML) 51 Page - Lattice Semiconductor

Back Button LC4512B-5FN256I1 Datasheet HTML 47Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 48Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 49Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 50Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 51Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 52Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 53Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 54Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 55Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
51
83
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
84
1
D3
D^3
H6
H^3
P12
P^3
85
1
D2
D^2
H4
H^2
P10
P^2
86
1
D1
D^1
H2
H^1
P6
P^1
87
1
D0/GOE1
D^0
H0/GOE1
H^0
P2/OE1
P^0
88
1
CLK3/I
-
CLK3/I
-
CLK3/I
-
89
0
CLK0/I
-
CLK0/I
-
CLK0/I
-
90
-
VCC
-
VCC
-
VCC
-
91
0
A0/GOE0
A^0
A0/GOE0
A^0
A2/GOE0
A^0
92
0
A1
A^1
A2
A^1
A6
A^1
93
0
A2
A^2
A4
A^2
A10
A^2
94
0
A3
A^3
A6
A^3
A12
A^3
95
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
96
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
97
0
A4
A^4
A8
A^4
B2
B^0
98
0
A5
A^5
A10
A^5
B6
B^1
99
0
A6
A^6
A12
A^6
B10
B^2
100
0
A7
A^7
A14
A^7
B12
B^3
*This pin is input only.
ispMACH 4128V/B/C Logic Signal Connections: 128-Pin TQFP
Pin Number
Bank Number
ispMACH 4128V/B/C
GLB/MC/Pad
ORP
1
0
GND
-
2
0
TDI
-
3
0
VCCO (Bank 0)
-
4
0
B0
B^0
5
0
B1
B^1
6
0
B2
B^2
7
0
B4
B^3
8
0
B5
B^4
9
0
B6
B^5
10
0
GND (Bank 0)
-
11
0
B8
B^6
12
0
B9
B^7
13
0
B10
B^8
14
0
B12
B^9
15
0
B13
B^10
16
0
B14
B^11
17
0
VCCO (Bank 0)
-
18
0
C14
C^11
ispMACH 4064V/B/C/Z, 4128V/B/C/Z, 4256V/B/C/Z Logic Signal Connections:
100-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4064V/B/C/Z
ispMACH 4128V/B/C/Z
ispMACH 4256V/B/C/Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512B-5FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512B-5F256C LATTICE-LC4512B-5F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512B-5F256I LATTICE-LC4512B-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512B-5FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com