Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512B-5FN256I1 Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LC4512B-5FN256I1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512B-5FN256I1 Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LC4512B-5FN256I1 Datasheet HTML 55Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 56Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 57Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 58Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 59Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 60Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 61Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 62Page - Lattice Semiconductor LC4512B-5FN256I1 Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
59
43
0
D9
D^7
G4
G^2
44
0
D8
D^6
G2
G^1
45
0
NC
2
-I
2
-
46
0
GND (Bank 0)
-
GND (Bank 0)
-
47
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
48
0
D6
D^5
H12
H^6
49
0
D5
D^4
H10
H^5
50
0
D4
D^3
H8
H^4
51
0
D2
D^2
H6
H^3
52
0
D1
D^1
H4
H^2
53
0
D0
D^0
H2
H^1
54
0
CLK1/I
-
CLK1/I
-
55
1
GND (Bank 1)
-
GND (Bank 1)
-
56
1
CLK2/I
-
CLK2/I
-
57
-
VCC
-
VCC
-
58
1
E0
E^0
I2
I^1
59
1
E1
E^1
I4
I^2
60
1
E2
E^2
I6
I^3
61
1
E4
E^3
I8
I^4
62
1
E5
E^4
I10
I^5
63
1
E6
E^5
I12
I^6
64
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
65
1
GND (Bank 1)
-
GND (Bank 1)
-
66
1
E8
E^6
J2
J^1
67
1
E9
E^7
J4
J^2
68
1
E10
E^8
J6
J^3
69
1
E12
E^9
J8
J^4
70
1
E13
E^10
J10
J^5
71
1
E14
E^11
J12
J^6
72
1
NC
2
-I
2
-
73
-
GND
-
GND
-
74
-
TMS
-
TMS
-
75
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
76
1
F0
F^0
K12
K^6
77
1
F1
F^1
K10
K^5
78
1
F2
F^2
K8
K^4
79
1
F4
F^3
K6
K^3
80
1
F5
F^4
K4
K^2
81
1
F6
F^5
K2
K^1
82
1
GND (Bank 1)
-
GND (Bank 1)
-
83
1
F8
F^6
L14
L^7
84
1
F9
F^7
L12
L^6
85
1
F10
F^8
L10
L^5
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512B-5FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512B-5F256C LATTICE-LC4512B-5F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512B-5F256I LATTICE-LC4512B-5F256I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512B-5FN256I1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com