Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512B-10TN176I Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # LC4512B-10TN176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512B-10TN176I Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button LC4512B-10TN176I Datasheet HTML 10Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 11Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 12Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 13Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 14Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 15Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 16Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 17Page - Lattice Semiconductor LC4512B-10TN176I Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
14
IEEE 1532-Compliant In-System Programming
Programming devices in-system provides a number of significant benefits including: rapid prototyping, lower inven-
tory levels, higher quality and the ability to make in-field modifications. All ispMACH 4000 devices provide In-Sys-
tem Programming (ISP™) capability through the Boundary Scan Test Access Port. This capability has been
implemented in a manner that ensures that the port remains complaint to the IEEE 1149.1 standard. By using IEEE
1149.1 as the communication interface through which ISP is achieved, users get the benefit of a standard, well-
defined interface. All ispMACH 4000 devices are also compliant with the IEEE 1532 standard.
The ispMACH 4000 devices can be programmed across the commercial temperature and voltage range. The PC-
based Lattice software facilitates in-system programming of ispMACH 4000 devices. The software takes the
JEDEC file output produced by the design implementation software, along with information about the scan chain,
and creates a set of vectors used to drive the scan chain. The software can use these vectors to drive a scan chain
via the parallel port of a PC. Alternatively, the software can output files in formats understood by common auto-
mated test equipment. This equipment can then be used to program ispMACH 4000 devices during the testing of a
circuit board.
User Electronic Signature
The User Electronic Signature (UES) allows the designer to include identification bits or serial numbers inside the
device, stored in E
2CMOS memory. The ispMACH 4000 device contains 32 UES bits that can be configured by the
user to store unique data such as ID codes, revision numbers or inventory control codes.
Security Bit
A programmable security bit is provided on the ispMACH 4000 devices as a deterrent to unauthorized copying of
the array configuration patterns. Once programmed, this bit defeats readback of the programmed pattern by a
device programmer, securing proprietary designs from competitors. Programming and verification are also
defeated by the security bit. The bit can only be reset by erasing the entire device.
Hot Socketing
The ispMACH 4000 devices are well-suited for applications that require hot socketing capability. Hot socketing a
device requires that the device, during power-up and down, can tolerate active signals on the I/Os and inputs with-
out being damaged. Additionally, it requires that the effects of I/O pin loading be minimal on active signals. The
ispMACH 4000 devices provide this capability for input voltages in the range 0V to 3.0V.
Density Migration
The ispMACH 4000 family has been designed to ensure that different density devices in the same package have
the same pin-out. Furthermore, the architecture ensures a high success rate when performing design migration
from lower density parts to higher density parts. In many cases, it is possible to shift a lower utilization design tar-
geted for a high density device to a lower density device. However, the exact details of the final resource utilization
will impact the likely success in each case.


Similar Part No. - LC4512B-10TN176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512B-10T176I LATTICE-LC4512B-10T176I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512B-10TN176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com