Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q672I Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # LC5512MC-52Q672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q672I Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button LC5512MC-52Q672I Datasheet HTML 53Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 54Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 55Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 56Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 57Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 58Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 59Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 60Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
57
GCLK0N
GCLK1
28
J2
P7
GND
29
GND
GND
TDI
30
H6
R1
TMS
31
H4
R2
TCK
32
J6
T1
TDO
33
K2
V1
1
0P
A0/DATA0
B0
D0
A1
34
K3
W1
1
0N
A2/DATA1
B1
D1
A3
35
J3
Y1
1
1P
A4/DATA2
B2
D2
A5
36
J5
P3
1
1N
A6/DATA3
B3
D3
A7
37
J4
R3
1
2P
A8/DATA4
B4
D4
A9
38
L2
T2
1
2N
A10/DATA5
B5
D5
A11
39
M1
U2
GND (Bank 1)
40
GND (Bank 1) GND (Bank 1)
1
3P
A12/DATA6
B6
D6
A13
41
K4
V2
——
VCCO1
——
42
VCCO1
VCCO1
1
3N
A14/DATA7
B7
D7
A15
43
L3
W2
GND
44
GND
GND
1
4P
A16/INITB
B8
D8
A17
45
K5
R4
1
4N
A18/CSB
B9
D9
A19
46
L5
T4
1
5P
A20/READ
B10
D10
A21
47
N1
R6
1
5N
A22/CCLK
B11
D11
A23
48
M2
R5
1
6P
A24
A25
U3
VCC
49
VCC
VCC
1
6N
A26
A27
P1
1
V3
1
7P
A28
A29
M3
Y2
1
7N
A30
A31
L4
W3
1
8P
B0
A0
B1
N2
U5
1
8N
B2
A2
B3
P2
T5
GND (Bank 1)
GND (Bank 1) GND (Bank 1)
1
9P
B4
A4
R1
U4
——
VCCO1
——
VCCO1
VCCO1
1
9N
B5
A6
R2
V4
1
10P
B6
A8
B7
T2
AA3
1
10N
B8
A10
B9
T3
AB3
1
B10
A12
B11
Y4
DONE
50
M4
AA4
1
11P
B14
B12
D12
B15
51
N3
AB4
1
11N
B16
B13
D13
B17
52
P4
AB5
1
12P
B18
B14
D14
B19
53
N5
T6
1
12N
B20
B15
D15
B21
54
M6
U7
PROGRAMB
55
R3
W5
1
B22
A14
B23
P5
U8
GND (Bank 1)
56
GND (Bank 1) GND (Bank 1)
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


Similar Part No. - LC5512MC-52Q672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com